Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 154Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 155Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 156Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 157Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 158Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 159Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 160Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 161Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
142
10.1.36
Register 0x3B (0x0EC): RPOP Path FEBE MSB
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R
PFE[15]
X
Bit 6
R
PFE[14]
X
Bit 5
R
PFE[13]
X
Bit 4
R
PFE[12]
X
Bit 3
R
PFE[11]
X
Bit 2
R
PFE[10]
X
Bit 1
R
PFE[9]
X
Bit 0
R
PFE[8]
X
These registers allow path FEBEs to be accumulated.
PFE[15:0]:
Bits PFE[15:0] represent the number of path FEBE errors (G1) that have been
detected since the last time the error count was polled. The error count is polled
by writing to either of the RPOP Path BIP-8 Register addresses or to either of the
RPOP Path FEBE Register addresses. Such a write transfers the internally
accumulated error count to the Path FEBE Registers within approximately 7 µs
and simultaneously resets the internal counter to begin a new cycle of error
accumulation. This transfer and reset is carried out in a manner that ensures that
coincident events are not lost.
The error count can also be polled by writing to the LASAR-155 Master
Reset / Load Meters register. Writing to the register loads all the error counter
registers in the SAR PMON, RSOP, RLOP, RPOP, RACP and TACP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com