Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 162 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 162 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 158Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 159Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 160Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 161Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 162Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 163Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 164Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 165Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 166Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
146
10.1.41
Register 0x45 (0x114): TPOP Arbitrary Pointer LSB
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
APTR[7]
0
Bit 6
R/W
APTR[6]
0
Bit 5
R/W
APTR[5]
0
Bit 4
R/W
APTR[4]
0
Bit 3
R/W
APTR[3]
0
Bit 2
R/W
APTR[2]
0
Bit 1
R/W
APTR[1]
0
Bit 0
R/W
APTR[0]
0
This register allows an arbitrary pointer to be inserted for diagnostic purposes.
APTR[7:0]:
The APTR[7:0] bits, along with the APTR[9:8] bits in the TPOP Arbitrary Pointer
MSB Register are used to set an arbitrary payload pointer value. The arbitrary
pointer value is transferred by writing a logic one to the PLD bit in the TPOP
Pointer Control Register. A legal value (i.e. 0 • pointer value • 782) results in the
transmit payload pointer immediately changing to the corresponding byte
position. If a value greater than 782 is transferred, the payload pointer remains
unchanged.
If the FTPTR bit in the TPOP Pointer Control register is a logic 1, the
current APTR[9:0] value is inserted into the payload pointer bytes (H1 and H2) in
the transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com