Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 159Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 160Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 161Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 162Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 163Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 164Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 165Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 166Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
147
10.1.42
Register 0x46 (0x118): TPOP Arbitrary Pointer MSB
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
NDF[3]
1
Bit 6
R/W
NDF[2]
0
Bit 5
R/W
NDF[1]
0
Bit 4
R/W
NDF[0]
1
Bit 3
R/W
S[1]
0
Bit 2
R/W
S[0]
0
Bit 1
R/W
APTR[9]
0
Bit 0
R/W
APTR[8]
0
This register allows an arbitrary pointer to be inserted for diagnostic purposes.
APTR[9:8]:
The APTR[9:8] bits, along with the APTR[7:0] bits in the TPOP Arbitrary Pointer
LSB Register are used to set an arbitrary payload pointer value. The arbitrary
pointer value is inserted in the outgoing stream by writing a logic one to the PLD
bit in the TPOP Pointer Control Register.
S[1:0]:
The S[1:0] bits contain the value inserted in the S[1:0] bit positions (also referred
to as the unused bits) in the payload pointer.
NDF[3:0]:
The NDF[3:0] bits contain the value inserted in the NDF bit positions when an
arbitrary new payload pointer value is inserted (using the PLD bit in the TPOP
Pointer Control Register) or when new data flag generation is enabled using the
NDF bit in the TPOP Pointer Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com