Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 166 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 166 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 162Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 163Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 164Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 165Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 166Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 167Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 168Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 169Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 170Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
150
10.1.52
Register 0x50 (0x140): RACP Control/Status
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R
OCDV
X
Bit 6
R/W
Reserved
0
Bit 5
R/W
PASS
0
Bit 4
R/W
DISCOR
0
Bit 3
R/W
HECPASS
0
Bit 2
R/W
HECADD
1
Bit 1
R/W
DDSCR
0
Bit 0
R/W
FIFORST
0
FIFORST:
The FIFORST bit is used to reset the internal four cell receive FIFO. When
FIFORST is set to logic zero, the FIFO operates normally. When FIFORST is set
to logic one, the FIFO is immediately emptied and ignores writes. The FIFO
remains empty and continues to ignore writes until a logic zero is written to
FIFORST.
DDSCR:
The DDSCR bit controls the descrambling of the cell payload. When DDSCR is a
logic one, cell payload descrambling is disabled. When DDSCR is a logic zero,
payload descrambling is enabled.
HECADD:
The HECADD bit controls the addition of the coset polynomial, x6+x4+x2+1, to
the HEC octet prior to comparison. When HECADD is a logic one, the
polynomial is added, and the resulting HEC is compared. When HECADD is a
logic zero, the polynomial is not added, and the unmodified HEC is compared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com