Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 161Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 162Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 163Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 164Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 165Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 166Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 167Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 168Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
149
10.1.45
Register 0x49 (0x124): TPOP Path Status
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
FEBE[3]
0
Bit 6
R/W
FEBE[2]
0
Bit 5
R/W
FEBE[1]
0
Bit 4
R/W
FEBE[0]
0
Bit 3
R/W
PRDI
0
Bit 2
R/W
G1[2]
0
Bit 1
R/W
G1[1]
0
Bit 0
R/W
G1[0]
0
This register allows control over the path status byte.
G1[2:0]:
The G1[2:0] bits are inserted in the unused bit positions in the path status byte.
PRDI:
The PRDI bit controls the insertion of STS path Remote Defect Indicator. When
a logic one is written to this bit position, the PRDI bit position in the path status
byte is set high. When a logic zero is written to this bit position, the PRDI bit
position in the path status byte is set low.
FEBE[3:0]:
The FEBE[3:0] bits are inserted in the FEBE bit positions in the path status byte.
The value contained in FEBE[3:0] is cleared after being inserted in the path
status byte. Any non-zero FEBE[3:0] value overwrites the value that would
normally have been inserted based on the number of FEBEs accumulated during
the last frame. When reading this register, a non-zero value in these bit positions
indicates that the insertion of this value is still pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com