Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 12Page - Texas Instruments PCM5142 Datasheet HTML 13Page - Texas Instruments PCM5142 Datasheet HTML 14Page - Texas Instruments PCM5142 Datasheet HTML 15Page - Texas Instruments PCM5142 Datasheet HTML 16Page - Texas Instruments PCM5142 Datasheet HTML 17Page - Texas Instruments PCM5142 Datasheet HTML 18Page - Texas Instruments PCM5142 Datasheet HTML 19Page - Texas Instruments PCM5142 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
8.3.2 Audio Data Interface
8.3.2.1 Audio Serial Interface
The audio interface port is a 3-wire serial port with the signals LRCK, BCK, and DIN. BCK is the serial audio bit
clock, used to clock the serial data present on DIN into the serial shift register of the audio interface. Serial data
is clocked into the PCM514x on the rising edge of BCK. LRCK is the serial audio left/right word clock. LRCK
polarity for left/right is given by the format selected.
Table 4. PCM514x Audio Data Formats, Bit Depths and Clock Rates
MAX LRCK
CONTROL MODE
FORMAT
DATA BITS
SCK RATE [x fS]
BCK RATE [x fS]
FREQUENCY [fS]
Up to 192 kHz
128 – 3072
64, 48, 32
I2S/LJ
32, 24, 20, 16
384 kHz
64, 128
64, 48, 32
Software Control
Up to 48 kHz
128 – 3072
128, 256
(SPI or I2S)
TDM/DSP
32, 24, 20, 16
96 kHz
128 – 512
128, 256
192 kHz
128, 192, 256
128
Up to 192 kHz
128 – 3072
64, 48, 32
Hardware Control
I2S/LJ
32, 24, 20, 16
384 kHz
64, 128
64, 48, 32
The PCM514x requires the synchronization of LRCK and system clock, but does not need a specific phase
relation between LRCK and system clock.
If the relationship between LRCK and system clock changes more than ±5 SCK, internal operation (using an
onchip oscillator) is initialized within one sample period and analog outputs are forced to the bipolar zero level
until resynchronization between LRCK and system clock is completed.
If the relationship between LRCK and BCK are invalid more than 4 LRCK periods, internal operation (using an
onchip oscillator) is initialized within one sample period and analog outputs are forced to the bipolar zero level
until resynchronization between LRCK and BCK is completed.
8.3.2.2 PCM Audio Data Formats
The PCM514x supports industry-standard audio data formats, including standard I2S and left-justified. Data
formats are selected via Register (Pg0Reg40). All formats require binary twos-complement, MSB-first audio data;
up to 32-bit audio data is accepted.
The PCM514x also supports right-justified and TDM/DSP in software control mode. I2S, LJ, RJ, and TDM/DSP
are selected using Register (Pg0Reg40). All formats require binary twos-complement, MSB-first audio data. Up
to 32 bits are accepted. Default setting is I2S and 24-bit word length.
16
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com