Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 78 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 78 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 74Page - Texas Instruments PCM5142 Datasheet HTML 75Page - Texas Instruments PCM5142 Datasheet HTML 76Page - Texas Instruments PCM5142 Datasheet HTML 77Page - Texas Instruments PCM5142 Datasheet HTML 78Page - Texas Instruments PCM5142 Datasheet HTML 79Page - Texas Instruments PCM5142 Datasheet HTML 80Page - Texas Instruments PCM5142 Datasheet HTML 81Page - Texas Instruments PCM5142 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
Table 62. Page 0 / Register 9
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
9
09
RSV
RSV
BCKP
BCKO
RSV
RSV
RSV
LRKO
Reset Value
0
0
0
RSV
Reserved
Reserved. Do not access.
BCKP
BCK Polarity
This bit sets the inverted BCK mode. In inverted BCK mode, the DAC assumes that the LRCK and DIN edges
are aligned to the rising edge of the BCK. Normally they are assumed to be aligned to the falling edge of the
BCK.
Default value: 0
0: Normal BCK mode
1: Inverted BCK mode
BCKO
BCK Output Enable
This bit sets the BCK pin direction to output for I2S master mode operation. In I2S master mode the PCM5xxx
outputs the reference BCK and LRCK, and the external source device provides the DIN according to these
clocks. Use Page 0 / Register 32 to program the division factor of the SCK to yield the desired BCK rate
(normally 64FS)
Default value: 0
0: BCK is input (I2S slave mode)
1: BCK is output (I2S master mode)
LRKO
LRCLK Output Enable
This bit sets the LRCK pin direction to output for I2S master mode operation. In I2S master mode the PCM5xxx
outputs the reference BCK and LRCK, and the external source device provides the DIN according to these
clocks. Use Page 0 / Register 33 to program the division factor of the BCK to yield 1FS for LRCK.
Default value: 0
0: LRCK is input (I2S slave mode)
1: LRCK is output (I2S master mode)
Table 63. Page 0 / Register 10
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
10
0A
DSPG7
DSPG6
DSPG5
DSPG4
DSPG3
DSPG2
DSPG1
DSPG0
Reset Value
0
0
0
0
0
0
0
0
DSPG[7:0]
DSP GPIO Input
The DSP accepts a 24-bit external control signals input. The value set in this register will go to bit 16:8 of this
external input.
Default value: 00000000
Table 64. Page 0 / Register 12
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
12
0C
RSV
RSV
RSV
RSV
RSV
RSV
RBCK
RLRK
Reset Value
0
0
RSV
Reserved
Reserved. Do not access.
RBCK
Master Mode BCK Divider Reset
This bit, when set to 0, will reset the SCK divider to generate BCK clock for I2S master mode. To use I2S
master mode, the divider must be enabled and programmed properly.
Default value: 0
0: Master mode BCK clock divider is reset
78
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com