Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 73Page - Texas Instruments PCM5142 Datasheet HTML 74Page - Texas Instruments PCM5142 Datasheet HTML 75Page - Texas Instruments PCM5142 Datasheet HTML 76Page - Texas Instruments PCM5142 Datasheet HTML 77Page - Texas Instruments PCM5142 Datasheet HTML 78Page - Texas Instruments PCM5142 Datasheet HTML 79Page - Texas Instruments PCM5142 Datasheet HTML 80Page - Texas Instruments PCM5142 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
Default value: 0
0: De-emphasis filter is disabled
1: De-emphasis filter is enabled
SDSL
SDOUT Select
This bit selects what is being output as SDOUT via GPIO pins.
Default value: 0
0: SDOUT is the DSP output (post-processing)
1: SDOUT is the DSP input (pre-processing)
Table 61. Page 0 / Register 8
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
8
08
RSV
RSV
G6OE
G5OE
G4OE
G3OE
G2OE
G1OE
Reset Value
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
G6OE
GPIO6 Output Enable
This bit sets the direction of the GPIO6 pin
Default value: 0
0: GPIO6 is input
1: GPIO6 is output
G5OE
GPIO5 Output Enable
This bit sets the direction of the GPIO5 pin
Default value: 0
0: GPIO5 is input
1: GPIO5 is output
G4OE
GPIO4 Output Enable
This bit sets the direction of the GPIO4 pin
Default value: 0
0: GPIO4 is input
1: GPIO4 is output
G3OE
GPIO3 Output Enable
This bit sets the direction of the GPIO3 pin
Default value: 0
0: GPIO3 is input
1: GPIO3 is output
G2OE
GPIO2 Output Enable
This bit sets the direction of the GPIO2 pin
Default value: 0
0: GPIO2 is input
1: GPIO2 is output
G1OE
GPIO1 Output Enable
This bit sets the direction of the GPIO1 pin
Default value: 0
0: GPIO1 is input
1: GPIO1 is output
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
77
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com