Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 6Page - Texas Instruments PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments PCM5142 Datasheet HTML 10Page - Texas Instruments PCM5142 Datasheet HTML 11Page - Texas Instruments PCM5142 Datasheet HTML 12Page - Texas Instruments PCM5142 Datasheet HTML 13Page - Texas Instruments PCM5142 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
7.6 Timing Requirements: SCK Input
Figure 1 shows the timing requirements for the system clock input. For optimal performance, use a clock source with low
phase jitter and noise.
MIN
NOM
MAX
UNIT
tSCY
System clock pulse cycle time
20
1000
ns
DVDD = 1.8 V
8
tSCKH
System clock pulse width, high
ns
DVDD = 3.3 V
9
DVDD = 1.8 V
8
tSCKL
System clock pulse width, low
ns
DVDD = 3.3 V
9
7.7 Timing Requirements: PCM Audio Data
MIN
NOM
MAX
UNIT
tBCY
BCK Pulse Cycle Time
40
ns
tBCL
BCK Pulse Width LOW
16
ns
tBCH
BCK Pulse Width HIGH
16
ns
tBL
BCK Rising Edge to LRCK Edge
8
ns
tBCK
BCK frequency at DVDD = 3.3 V
24.576
MHz
tBCK(1.8V)
BCK frequency at DVDD = 1.8 V
12.288
MHz
tLB
LRCK Edge to BCK Rising Edge
8
ns
tDS
DATA Set Up Time
8
ns
tDH
DATA Hold Time
8
ns
tDOD
DATA delay time from BCK falling edge
15
ns
7.8 Timing Requirements: I
2S Master
MIN
NOM
MAX
UNIT
tBCY
BCK Pulse Cycle Time
40
ns
tBCL
BCK Pulse Width LOW
16
ns
tBCH
BCK Pulse Width HIGH
16
ns
tBCK
BCK frequency at DVDD = 3.3 V
24.576
MHz
tBCK(1.8V)
BCK frequency at DVDD = 1.8 V
12.288
MHz
tLRD
LRCKx delay time from BCKx falling edge
–10
20
ns
tDS
DATA Set Up Time
8
ns
tDH
DATA Hold Time
8
ns
tDOD
DATA delay time from BCK falling edge at DVDD = 3.3 V
15
ns
tDOD(1.8V)
DATA delay time from BCK falling edge at DVDD = 1.8 V
20
ns
7.9 Timing Requirements: XSMT
MIN
NOM
MAX
UNIT
tr
Rise time
20
ns
tf
Fall time
20
ns
10
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com