| Electronic Components Datasheet Search |
|
PCM5142 Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM5142 Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 123 page ![]() SCK BCK SREF (Pg0, Reg 13 0x0D) PLL K * R / P K = J.D J = 1,2,3,…..,62,63 D= 0000,0001,….,9998,9999 R= 1,2,3,4,….,15,16 P= 1,2,….,127,128 PLLCK SCK PLLEN (Pg0, Reg 4 0x04) PLLCKIN GPIO * DAC CLK Source Mux Divider Divider SCK GPIO* DSPCK (miniDSP Clock ) DACCK (DAC Clock ) SDAC (Pg0, Reg 14 0x0E) Divider CPCK (Charge Pump Clock ) Divider Divide by 2 MUX OSRCK (Oversampling Ratio Clock ) DDSP (Pg0, Reg 27 0x1B) DDAC (Pg0, Reg 28 0x1C) DNCP (Pg0, Reg 29 0x1D) DOSR (Pg0, Reg 30 0x1E) I16E (Pg0, Reg 34 0x22) Serial Audio Interface (Input) miniDSP (inc interpolator) Delta Sigma Modulator Current Segments I V Line Driver fS (24bit) 16fS (24bit) 128fS (~8 bit) + -3v3 Charge Pump CPCK -3V3 PCM5141, PCM5142 SLAS759B – AUGUST 2012 – REVISED JANUARY 2016 www.ti.com 8.3.6 Reset and System Clock Functions 8.3.6.1 Clocking Overview The PCM514x devices have flexible systems for clocking. Internally, the device requires a number of clocks, mostly at related clock rates to function correctly. All of these clocks can be derived from the serial audio interface in one form or another. Figure 64. Audio Flow with Respective Clocks As shown in Figure 64 the data flows at the sample rate (fS). Once the data is brought into the serial audio interface, it gets processed, interpolated and modulated all the way to 128 × fS before arriving at the current segments for the final digital to analog conversion. The clock tree is shown in Figure 65. Figure 65. PCM514x Clock Distribution Tree The serial audio interface typically has 4 connections: SCK (system master clock), BCK (bit clock), LRCK (left right word clock), and DIN (data). The device has an internal PLL that is used to take either SCK or BCK and create the higher rate clocks required by the interpolating processor and the DAC clock. This allows the device to operate with or without an external SCK. In situations where the highest audio performance is required, it is suggested that the SCK is brought to the device, along with BCK and LRCK. The device should be configured so that the PLL is only providing a clock source to the miniDSP. By ensuring that the DACCK (DAC Clock) is being driven by the external SCK source, jitter evident in the PLL (in all PLLs) is kept out of the DAC, charge pump, and oversampling system. 46 Submit Documentation Feedback Copyright © 2012–2016, Texas Instruments Incorporated Product Folder Links: PCM5141 PCM5142 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |