Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 45Page - Texas Instruments PCM5142 Datasheet HTML 46Page - Texas Instruments PCM5142 Datasheet HTML 47Page - Texas Instruments PCM5142 Datasheet HTML 48Page - Texas Instruments PCM5142 Datasheet HTML 49Page - Texas Instruments PCM5142 Datasheet HTML 50Page - Texas Instruments PCM5142 Datasheet HTML 51Page - Texas Instruments PCM5142 Datasheet HTML 52Page - Texas Instruments PCM5142 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
PLLCKIN x R x J.D
PLLCK =
P
PLLCKIN x R x K
or PLLCK =
P
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
8.3.6.5 PLL Calculation
The PCM514x has an on-chip PLL with fractional multiplication to generate the clock frequency needed by the
audio DAC, Negative Charge Pump, Modulator and Digital Signal Processing blocks. The programmability of the
PLL allows operation from a wide variety of clocks that may be available in the system. The PLL input (PLLCKIN)
supports clock frequencies from 1 MHz to 50 MHz and is register programmable to enable generation of required
sampling rates with fine precision.
The PLL is enabled by default. The PLL can be turned on by writing to Page 0, Register 4, D(0). When the PLL
is enabled, the PLL output clock PLLCK is given by Equation 3.
where
•
R = 1, 2, 3,4, ... , 15, 16
•
J = 4,5,6, . . . 63, and D = 0000, 0001, 0002, . . . 9999
•
K = [J value].[D value]
•
P = 1, 2, 3, ... 15
(3)
R, J, D, and P are programmable. J is the integer portion of K (the numbers to the left of the decimal point), while
D is the fractional portion of K (the numbers to the right of the decimal point, assuming four digits of precision).
8.3.6.5.1
Examples:
•
If K = 8.5, then J = 8, D = 5000
•
If K = 7.12, then J = 7, D = 1200
•
If K = 14.03, then J = 14, D = 0300
•
If K = 6.0004, then J = 6, D = 0004
When the PLL is enabled and D = 0000, the following conditions must be satisfied:
•
1 MHz
≤ ( PLLCKIN / P ) ≤ 20 MHz
•
64 MHz
≤ (PLLCKIN x K x R / P ) ≤ 100 MHz (in VREF mode)
•
72 MHz
≤ (PLLCKIN x K x R / P ) ≤ 86 MHz (in VCOM mode)
•
1
≤ J ≤ 63
When the PLL is enabled and D
≠ 0000, the following conditions must be satisfied:
•
6.667 MHz
≤ PLLCLKIN / P ≤ 20 MHz
•
64 MHz
≤ (PLLCKIN x K x R / P ) ≤ 100 MHz (in VREF mode)
•
72 MHz
≤ (PLLCK IN x K x R / P ) ≤ 86 MHz (in VCOM mode)
•
4
≤ J ≤ 11
•
R = 1
When the PLL is enabled,
•
fS = (PLLCLKIN × K × R) / (2048 × P)
•
The value of N is selected so that fS × N = PLLCLKIN x K x R / P is in the allowable range.
Example: MCLK = 12 MHz and fS = 44.1 kHz, (N=2048)
Select P = 1, R = 1, K = 7.5264, which results in J = 7, D = 5264
Example: MCLK = 12 MHz and fS = 48.0 kHz, (N=2048)
Select P = 1, R = 1, K = 8.192, which results in J = 8, D = 1920
Values are written to the registers in Table 35.
8.3.6.5.1.1
Recommended PLL Settings
Recommended values for the PLL can be found after the register descriptions in this data sheet. Different values
are defined based on the device configuration for VREF or VCOM mode.
Other configurations are possible, at your own risk.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com