Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 61 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 61 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 57Page - Texas Instruments PCM5142 Datasheet HTML 58Page - Texas Instruments PCM5142 Datasheet HTML 59Page - Texas Instruments PCM5142 Datasheet HTML 60Page - Texas Instruments PCM5142 Datasheet HTML 61Page - Texas Instruments PCM5142 Datasheet HTML 62Page - Texas Instruments PCM5142 Datasheet HTML 63Page - Texas Instruments PCM5142 Datasheet HTML 64Page - Texas Instruments PCM5142 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 123 page
background image
PCM186x
DAC
Reference
PLL
Oscillator
AVDD 3.3V
CPVDD 3.3V
Digital IO
Digital Core
( ^W[•, Logic etc)
DVDD (1.8V or 3.3v)
1.8V LDO
Clock Halt Detect
LDOO 1.8V
Analog Circuits
Digital Circuits
Power Circuits
Line Driver
Charge Pump
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
10 Power Supply Recommendations
10.1 Power Supply Distribution and Requirements
The PCM514x devices are powered through the pins shown in Figure 79.
Figure 79. Power Distribution Tree Within PCM514x
Table 46. Power Supply Pin Descriptions
NAME
USAGE / DESCRIPTION
AVDD
Analog voltage supply; must be 3.3 V. This powers all analog circuitry that the DAC runs on.
DVDD
Digital voltage supply. This is used as the I/O voltage control and the input to the onchip LDO.
CPVDD
Charge Pump Voltage Supply - must be 3.3 V
Output from the onchip LDO. Should be used with a 0.1-µF decoupling cap. Can be driven (used as power
LDOO
input) with a 1.8-V supply to bypass the onchip LDO for lower power consumption.
AGND
Analog ground
DGND
Digital ground
10.2 Recommended Powerdown Sequence
Under certain conditions, the PCM514x devices can exhibit some pops on power down. Pops are caused by a
device not having enough time to detect power loss and start the muting process.
The PCM514x devices have two auto-mute functions to mute the device upon power loss (intentional or
unintentional).
10.2.1 XSMT = 0
When the XSMT pin is pulled low, the incoming PCM data is attenuated to 0, closely followed by a hard analog
mute. This process takes 150 sample times (ts) + 0.2 ms.
Because this mute time is mainly dominated by the sampling frequency, systems sampling at 192 kHz will mute
much faster than a 48-kHz system.
10.2.2 Clock Error Detect
When clock error is detected on the incoming data clock, the PCM514x devices switch to an internal oscillator,
and continue to the drive the output, while attenuating the data from the last known value. Once this process is
complete, the PCM514x outputs are hard muted to ground.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com