Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 53 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 49Page - Texas Instruments PCM5142 Datasheet HTML 50Page - Texas Instruments PCM5142 Datasheet HTML 51Page - Texas Instruments PCM5142 Datasheet HTML 52Page - Texas Instruments PCM5142 Datasheet HTML 53Page - Texas Instruments PCM5142 Datasheet HTML 54Page - Texas Instruments PCM5142 Datasheet HTML 55Page - Texas Instruments PCM5142 Datasheet HTML 56Page - Texas Instruments PCM5142 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
Register Index (or Address)
Register Data
MSB
LSB
R/W
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
Device Functional Modes (continued)
MC is the serial bit clock, used to shift data in and out of the control port by falling edge of MC, and MS is the
mode control enable with LOW active, used to enable the internal mode register access. If feedback from the
device is not required, the MISO pin can be assigned to GPIO1 by register control.
8.4.1.1.1.1
Register Read and Write Operation
All read/write operations for the serial control port use 16-bit data words. Figure 68 shows the control data word
format. The most significant bit is the read/write bit. For write operations, the bit must be set to 0. For read
operations, the bit must be set to 1. There are seven bits, labeled IDX[6:0], that hold the register index (or
address) for the read and write operations. The least significant eight bits, D[7:0], contain the data to be written
to, or the data that was read from, the register specified by IDX[6:0].
Figure 68 and Figure 69 show the functional timing diagram to write or read through the serial control port. MS is
held at a logic-1 state until a register access. To start the register write or read cycle, set MS to logic 0. Sixteen
clocks are then provided on MC, corresponding to the 16 bits of the control data word on MOSI and read-back
data on MISO. After the eighth clock cycle has completed, the data from the indexed-mode control register
appears on MISO during the read operation. After the sixteenth clock cycle has completed, the data is latched
into the indexed-mode control register during the write operation. To write or read subsequent data, MS is set to
logic 1 once (see tMHH in Figure 73).
Figure 68. Control Data Word Format; MDI
NOTE
B8 is used for selection of Write or Read. Setting = 0 indicates a Write, while = 1 indicates
a Read. Bits 15–9 are used for register address. Bits 7–0 are used for register data.
Multiple-byte write or read (up to 8 bytes) is supported while MS is kept low. The address
field becomes the initial address, automatically incrementing for each byte.
Figure 69. Serial Control Format; Write, Single Byte
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com