Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 1 Page - Texas Instruments

  PCM5142 Datasheet HTML 1Page - Texas Instruments PCM5142 Datasheet HTML 2Page - Texas Instruments PCM5142 Datasheet HTML 3Page - Texas Instruments PCM5142 Datasheet HTML 4Page - Texas Instruments PCM5142 Datasheet HTML 5Page - Texas Instruments PCM5142 Datasheet HTML 6Page - Texas Instruments PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
DOUT
PCM1863/5
I
2
S
BCK
AUX
IN
2ch Single Ended
Analog
Sensor
- Light Intensity
- Ultrasonic
- Battery Level
LRCK
2ch Single Ended
PCM514x
miniDSPs,
Filters
Current Segment DAC
TPA3130
TPA6120A2
BT Module
MSP430
WiLAN chip
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC
With 32-bit, 384-kHz PCM Interface
1 Features
3 Description
The PCM514x devices are a family of monolithic
1
•
Programmable miniDSP
CMOS-integrated circuits that include a stereo digital-
•
Market-Leading Low Out-of-Band Noise
to-analog converter and additional support circuitry in
•
Selectable Digital-Filter Latency and Performance
a small TSSOP package. The PCM514x uses the
latest generation of TI’s advanced segment-DAC
•
No DC Blocking Capacitors Required
architecture
to
achieve
excellent
dynamic
•
Integrated Negative Charge Pump
performance and improved tolerance to clock jitter.
•
Intelligent Muting System; Soft Up or Down Ramp
Members of the PCM514x family integrate a fully
and Analog Mute For 120-dB Mute SNR
programmable miniDSP core, allowing developers to
•
Integrated High-Performance Audio PLL With
integrate filters, dynamic range controls, custom
BCK Reference To Generate SCK Internally
interpolators, and other differentiating features to their
•
Accepts 16-, 20-, 24-, And 32-Bit Audio Data
products.
•
PCM Data Formats: I2S, Left-Justified, Right-
The PCM514x provides 2.1-VRMS ground centered
Justified, TDM / DSP
outputs, allowing designers to eliminate DC-blocking
capacitors on the output, as well as external muting
•
SPI or I2C Control
circuits traditionally associated with single-supply line
•
Software or Hardware Configuration
drivers.
•
Automatic Power-Save Mode When LRCK And
The integrated line driver surpasses all other charge-
BCK Are Deactivated
pump-based line drivers by supporting loads down to
•
1.8-V or 3.3-V Fail-Safe LVCMOS Digital Inputs
1 k
Ω, allowing the PCM514x to drive up to 10
•
Single Supply Operation:
products in parallel, such as LCD TV, DVDR, and AV
3.3-V Analog, 1.8-V or 3.3-V Digital
receivers.
•
Integrated Power-On Reset
The integrated PLL on the device removes the
requirement for a system clock (commonly known as
•
Small 28-pin TSSOP Package
master clock), allowing a 3-wire I2S connection and
reducing system EMI.
2 Applications
•
A/V Receivers
Device Information
•
DVD, BD Players
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
•
HDTV Receivers
PCM5141
TSSOP (28)
9.70 mm × 4.40 mm
•
Applications Requiring 2-VRMS Audio Output
PCM5142
.
Simplified System Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM5142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5142 TI1-PCM5142 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5142 TI1-PCM5142 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5142PW TI1-PCM5142PW Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5142PW TI1-PCM5142PW Datasheet
2Mb / 123P
Audio Stereo DAC
PCM5142PWR TI1-PCM5142PWR Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
More results

Similar Description - PCM5142

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
192 kHz STEREO DAC WITH 2 Vrms LINE OUT
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com