Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 3 Page - Texas Instruments

  PCM5142 Datasheet HTML 1Page - Texas Instruments PCM5142 Datasheet HTML 2Page - Texas Instruments PCM5142 Datasheet HTML 3Page - Texas Instruments PCM5142 Datasheet HTML 4Page - Texas Instruments PCM5142 Datasheet HTML 5Page - Texas Instruments PCM5142 Datasheet HTML 6Page - Texas Instruments PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
5 Device Comparison
Table 1. Differences Between PCM514x Devices
PART NUMBER
DYNAMIC RANGE
SNR
THD
PCM5142A
112 dB
112 dB
–93 dB
PCM5141A
106 dB
106 dB
–92 dB
Table 2. Typical Performance (3.3-V Power Supply)
PARAMETER
PCM5142 / PCM5141
SNR
112 / 106 dB
Dynamic range
112 /106 dB
THD+N at –1 dBFS
–93/ –92 dB
Full-scale single-ended output
2.1 VRMS (GND center)
Normal 8× oversampling digital filter latency
20tS
Low latency 8× oversampling digital filter latency
3.5tS
Sampling frequency
8 kHz to 384 kHz
System clock multiples (fSCK): 64, 128, 192, 256, 384,
Up to 50 MHz
512, 768, 1024, 1152, 1536, 2048, 3072
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com