Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 3Page - Texas Instruments PCM5142 Datasheet HTML 4Page - Texas Instruments PCM5142 Datasheet HTML 5Page - Texas Instruments PCM5142 Datasheet HTML 6Page - Texas Instruments PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments PCM5142 Datasheet HTML 10Page - Texas Instruments PCM5142 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
7.5 Electrical Characteristics
TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock = 512 fS and 24-bit data (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
DIGITAL INPUT/OUTPUT
Logic Family: 3.3-V LVCMOS Compatible
VIH
Input logic level, high
0.7 × DVDD
V
VIL
Input logic level, low
0.3 × DVDD
V
IIH
Input logic current, high
VIN = VDD
10
µA
IIL
Input logic current, low
VIN = 0 V
–10
µA
VOH
Output logic level, high
IOH = –4 mA
0.8 × DVDD
V
VOL
Output logic level, low
IOL = 4 mA
0.22 × DVDD
V
Logic Family 1.8-V LVCMOS Compatible
VIH
Input logic level, high
0.7 × DVDD
V
VIL
Input logic level, low
0.3 × DVDD
V
IIH
Input logic current, high
VIN = VDD
10
µA
IIL
Input logic current, low
VIN = 0 V
–10
µA
VOH
Output logic level, high
IOH = –2 mA
0.8 × DVDD
V
VOL
Output logic level, low
IOL = 2 mA
0.22 × DVDD
V
DYNAMIC PERFORMANCE (PCM MODE)(1)(2)
fS = 48 kHz
–93
–83
THD+N at –1 dB(2)
fS = 96 kHz
–93
dB
fS = 192 kHz
–93
EIAJ, A-weighted, fS = 48 kHz
108
112
Dynamic range(2)
EIAJ, A-weighted, fS = 96 kHz
112
dB
EIAJ, A-weighted, fS = 192 kHz
112
EIAJ, A-weighted, fS = 48 kHz
112
Signal-to-noise ratio(2)
EIAJ, A-weighted, fS = 96 kHz
112
dB
EIAJ, A-weighted, fS = 192 kHz
112
EIAJ, A-weighted, fS = 48 kHz
113
123
Signal-to-noise ratio with analog
EIAJ, A-weighted, fS = 96 kHz
113
123
dB
mute(2)(3)
EIAJ, A-weighted, fS = 192 kHz
113
123
fS = 48 kHz
100 / 95
109 / 103
Channel separation
fS = 96 kHz
100 / 95
109 / 103
dB
fS = 192 kHz
100 / 95
109 / 103
(1)
Filter condition: THD+N: 20-Hz HPF, 20-kHz AES17 LPF Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted Signal-to-noise
ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted Channel separation: 20-Hz HPF, 20-kHz AES17 LPF Analog performance
specifications are measured using the System Two Cascade™ audio measurement system by Audio Precision™ in the RMS mode.
(2)
Output load is 10 k
Ω, with 470-Ω output resistor and a 2.2-nF shunt capacitor (see Recommended Output Filter for the PCM514x).
(3)
Assert XSMT or both L-ch and R-ch PCM data are BPZ
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com