Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 52 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 48Page - Texas Instruments PCM5142 Datasheet HTML 49Page - Texas Instruments PCM5142 Datasheet HTML 50Page - Texas Instruments PCM5142 Datasheet HTML 51Page - Texas Instruments PCM5142 Datasheet HTML 52Page - Texas Instruments PCM5142 Datasheet HTML 53Page - Texas Instruments PCM5142 Datasheet HTML 54Page - Texas Instruments PCM5142 Datasheet HTML 55Page - Texas Instruments PCM5142 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
PLL
Master Mode
BCK Integer
Divider
Master Mode
LRCK Integer
Divider
LRCK OUT
BCK OUT
NEW
AUDIO
SCK
NON AUDIO SCK
GPIOx
GPIOy
SCK
BCK
LRCK
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
8.3.6.7 Clock Master from a Non-Audio Rate Master Clock
The classic example here is running a 12-MHz Master clock for a 48-kHz sampling system. Given the clock tree
for the device (shown in Figure 65), a non-audio clock rate cannot be brought into the SCK to the PLL in master
mode. Therefore, the PLL source must be configured to be a GPIO pin, and the output brought back into another
GPIO pin.
Figure 67. Application Diagram for Using Non-Audio Clock Sources to Generate Audio Clocks
The clock flow through the system is shown in Figure 67. The newly-generated SCK must be brought out of the
device on a GPIO pin, then brought into the SCK pin for integer division to create BCK and LRCK outputs.
NOTE
Pullup resistors must be used on BCK and LRCK in this mode to ensure the device does
not go into sleep mode.
A code example for configuring this mode is provided in the PCM5242 data sheet (SLASE12).
8.4 Device Functional Modes
8.4.1 Choosing a Control Mode
SPI Mode is selected by connecting MODE1 to DVDD. SPI Mode uses four signal lines and allows higher-speed
full-duplex communication between the host and the PCM514x device.
I2C Mode is selected by connecting MODE1 to DGND and Mode2 to DVDD. I2C uses two signal lines for half-
duplex communication, and is widely used in a variety of devices.
Hardware Control Mode is selected by connecting both MODE1 and MODE2 pins to DGND. Hardware control is
useful in applications that do not require on-the-fly device-reconfiguration changes in operating features such as
gain or filter latency selection.
See for a comparison of pin assignments for the 28-pin TSSOP.
8.4.1.1 Software Control
8.4.1.1.1
SPI Interface
The SPI interface is a 4-wire synchronous serial port which operates asynchronously to the serial audio interface
and the system clock (SCK). The serial control interface is used to program and read the on-chip mode registers.
The control interface includes MISO (pin 24), MOSI (pin 11), MC (pin 12), and MS (pin 18). MISO (Master In
Slave Out) is the serial data output, used to read back the values of the mode registers; MOSI (Master Out Slave
In) is the serial data input, used to program the mode registers.
52
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com