Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 79 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 75Page - Texas Instruments PCM5142 Datasheet HTML 76Page - Texas Instruments PCM5142 Datasheet HTML 77Page - Texas Instruments PCM5142 Datasheet HTML 78Page - Texas Instruments PCM5142 Datasheet HTML 79Page - Texas Instruments PCM5142 Datasheet HTML 80Page - Texas Instruments PCM5142 Datasheet HTML 81Page - Texas Instruments PCM5142 Datasheet HTML 82Page - Texas Instruments PCM5142 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
1: Master mode BCK clock divider is functional
RLRK
Master Mode LRCK Divider Reset
This bit, when set to 0, will reset the BCK divider to generate LRCK clock for I2S master mode. To use I2S
master mode, the divider must be enabled and programmed properly.
Default value: 0
0: Master mode LRCK clock divider is reset
1: Master mode LRCK clock divider is functional
Table 65. Page 0 / Register 13
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
13
0D
RSV
SREF2
SREF1
SREF0
RSV
RSV
RSV
RSV
Reset Value
0
0
0
RSV
Reserved
Reserved. Do not access.
SREF[2:0]
PLL Reference
This bit select the source clock for internal PLL. This bit is ignored and overriden in clock auto set mode.
Default value: 000
000: The PLL reference clock is SCK
001: The PLL reference clock is BCK
010: Reserved
011: The PLL reference clock is GPIO (selected using Page 0 / Register 18)
others: Reserved (PLL reference is muted)
SREF
PLL Reference
Default value: 0
Table 66. Page 0 / Register 14
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
14
0E
RSV
SDAC2
SDAC1
SDAC0
RSV
RSV
RSV
RSV
Reset Value
0
0
0
RSV
Reserved
Reserved. Do not access.
SDAC[2:0]
DAC clock source
These bits select the source clock for DAC clock divider.
Default value: 000
This Register requires use of the Clock Flex Register
000: Master clock (PLL/SCK and OSC auto-select)
001: PLL clock
010: Reserved
011: SCK clock
100: BCK clock
others: Reserved (muted)
Table 67. Page 0 / Register 18
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
18
12
RSV
RSV
RSV
RSV
RSV
GREF2
GREF1
GREF0
Reset Value
0
0
0
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com