Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 27Page - Texas Instruments PCM5142 Datasheet HTML 28Page - Texas Instruments PCM5142 Datasheet HTML 29Page - Texas Instruments PCM5142 Datasheet HTML 30Page - Texas Instruments PCM5142 Datasheet HTML 31Page - Texas Instruments PCM5142 Datasheet HTML 32Page - Texas Instruments PCM5142 Datasheet HTML 33Page - Texas Instruments PCM5142 Datasheet HTML 34Page - Texas Instruments PCM5142 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 123 page
background image
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
0.25
0.5
Frequency (x f )
S
G100
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
Samples
G004
−120
−100
−80
−60
−40
−20
0
0
0.5
1
G001
Frequency (x fS)
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
Table 17. Asymmetric FIR x2 Interpolation Filter, Quad Rate
PARAMETER
CONDITION
VALUE (TYP)
VALUE (MAX)
UNIT
Filter Gain Pass Band
0 ……. 0.40 × fS
±0.05
dB
Filter Gain Stop Band
0.72 × fS ….. 1.28 × fS
–50
dB
Filter Group Delay
1.2 × ts
S
SPACE
Figure 45. Asymmetric FIR x2 Interpolation Filter
Figure 46. Asymmetric FIR x2 Interpolation Filter Impulse
Frequency Response, Quad Rate
Response, Quad Rate
Figure 47. Asymmetric x2 Interpolation Filter Passband Ripple, Quad Rate
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com