Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 48 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 44Page - Texas Instruments PCM5142 Datasheet HTML 45Page - Texas Instruments PCM5142 Datasheet HTML 46Page - Texas Instruments PCM5142 Datasheet HTML 47Page - Texas Instruments PCM5142 Datasheet HTML 48Page - Texas Instruments PCM5142 Datasheet HTML 49Page - Texas Instruments PCM5142 Datasheet HTML 50Page - Texas Instruments PCM5142 Datasheet HTML 51Page - Texas Instruments PCM5142 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
8.3.6.3 Clock Slave Mode With BCK PLL to Generate Internal Clocks (3-Wire PCM)
The system clock PLL mode allows designers to use a simple 3-wire I2S audio source. The 3-wire source
reduces the need for a high frequency SCK, making PCB layout easier, and reduces high frequency
electromagnetic interference.
In hardwired mode, the internal PLL is disabled as soon as an external SCK is supplied.
In hardwired mode, the device starts up expecting an external SCK input, but if BCK and LRCK start correctly
while SCK remains at ground level for 16 successive LRCK periods, then the internal PLL starts, automatically
generating an internal SCK from the BCK reference. Specific BCK rates are required to generate an appropriate
master clock. Table 33 describes the minimum and maximum BCK per LRCK for the integrated PLL to
automatically generate an internal SCK.
In software mode, the user must set all the PLL registers and clock divider registers for referencing BCK. See
Clock Generation Using the PLL for more information. Recommended values can be found in Table 132.
Table 33. BCK Rates (MHz) by LRCK Sample Rate for
PCM514x PLL Operation
BCK (fS)
SAMPLE F (kHz)
32
64
8
–
–
16
–
1.024
32
1.024
2.048
44.1
1.4112
2.8224
48
1.536
3.072
96
3.072
6.144
192
6.144
12.288
384
12.288
24.576
8.3.6.4 Clock Generation Using the PLL
The PCM514x supports a wide range of options to generate the required clocks for the DAC section as well as
interface and other control blocks as shown in Figure 65.
The clocks for the PLL require a source reference clock. This clock is sourced as the incoming BCK or SCK. In
software mode, a GPIO can also be used.
The source reference clock for the PLL reference clock is selected by programming the SRCREF value on Page
0, Register 13, D(6:4). The PCM514x provides several programmable clock dividers to achieve a variety of
sampling rates for the DAC and clocks for the NCP, OSR, and the miniDSP. OSRCK for OSR must be set at 16
fS frequency by DOSR on Page0, Register 30, D(6:0). See Figure 65.
If PLL functionality is not required, set the PLLEN value on Page 0, Register 4, D(0) to 0. In this situation, an
external SCK is required.
Table 34. PLL Configuration Registers
CLOCK MULTIPLEXER
FUNCTION
BITS
SRCREF
PLL reference
Page 0, Register 13, D(6:4)
DIVIDER
FUNCTION
BITS
DDSP
miniDSP clock divider
Page 0, Register 27, D(6:0)
DACCK
DAC clock divider
Page 0, Register 28, D(6:0)
CPCK
NCP clock divider
Page 0, Register 29, D(6:0)
OSRCK
OSR clock divider
Page 0, Register 30, D(6:0)
DBCK
External BCK Div
Page 0, Register 32, D(6:0)
DLRK
External LRCK Div
Page 0, Register 33, D(7:0)
48
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com