Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 69 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 65Page - Texas Instruments PCM5142 Datasheet HTML 66Page - Texas Instruments PCM5142 Datasheet HTML 67Page - Texas Instruments PCM5142 Datasheet HTML 68Page - Texas Instruments PCM5142 Datasheet HTML 69Page - Texas Instruments PCM5142 Datasheet HTML 70Page - Texas Instruments PCM5142 Datasheet HTML 71Page - Texas Instruments PCM5142 Datasheet HTML 72Page - Texas Instruments PCM5142 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
The PCM514x has a register map split into multiple pages. Pages 0 and 1 control of the DAC and other on-chip
peripherals. Pages 44 through 52 are used for Coefficient A memory, while Pages 62-70 are coefficient B
memory. Pages 152-186 contain the miniDSP instruction memory. Page 253 is where the Clock Flex Mode
register is located.
Table 50. PCM514x Register Page Structure
Page:
0
1
44-52
62-70
152-186
253
Func:
Control
Analog
Coeffient A
Coeffient B
Instruction
Control
Desc:
General
Analog
256 24-bit coefficients,
256 24-bit coefficients,
1024 24-bit instructions,
Control and
Control
30 coefficients per
30 coefficients per
30 instructions per
Configuration
page,
page,
page,
4 registers per
4 registers per
4 registers per
coefficient
coefficient
instruction
Table 51. Coefficient Buffer-A Map
COEFF NO
PAGE NO
BASE REGISTER
BASE REGISTER + 0
BASE REGISTER + 1
BASE REGISTER + 2
BASE REGISTER + 3
C0
44
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C1
44
12
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C29
44
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C30
45
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C59
45
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C60
46
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C89
46
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C90
47
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C119
47
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C120
48
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C149
48
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C150
49
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C179
49
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C180
50
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C209
50
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C210
51
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C239
51
124
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
C240
52
8
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
..
..
..
..
..
..
..
C255
52
68
Coef(23:16)
Coef(15:8)
Coef(7:0)
Reserved.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com