Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 28Page - Texas Instruments PCM5142 Datasheet HTML 29Page - Texas Instruments PCM5142 Datasheet HTML 30Page - Texas Instruments PCM5142 Datasheet HTML 31Page - Texas Instruments PCM5142 Datasheet HTML 32Page - Texas Instruments PCM5142 Datasheet HTML 33Page - Texas Instruments PCM5142 Datasheet HTML 34Page - Texas Instruments PCM5142 Datasheet HTML 35Page - Texas Instruments PCM5142 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
−0.002
−0.0015
−0.001
−0.0005
0
0.0005
0.001
0.0015
0.002
0
0.1
0.2
0.3
0.4
0.5
Frequency (
× f
S)
G009
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (
× f
S)
G003
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
50 100 150 200 250 300 350 400 450 500 550 600
Samples
G006
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
Table 18. High-Attentuation x8 Interpolation Filter, Single Rate
PARAMETER
CONDITION
VALUE (TYP)
VALUE (MAX)
UNIT
Filter Gain Pass Band
0 ……. 0.45 × fS
±0.0005
dB
Filter Gain Stop Band
0.55 × fS ….. 7.455 × fS
–100
dB
Filter Group Delay
33.7 × tS
S
SPACE
Figure 48. High-Attentuation x8 Interpolation Filter
Figure 49. High-Attentuation x8 Interpolation Filter Impulse
Frequency Response, Single Rate
Response, Single Rate
Figure 50. High-Attentuation x8 Interpolation Filter Passband Ripple, Single Rate
32
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com