Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 97 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 93Page - Texas Instruments PCM5142 Datasheet HTML 94Page - Texas Instruments PCM5142 Datasheet HTML 95Page - Texas Instruments PCM5142 Datasheet HTML 96Page - Texas Instruments PCM5142 Datasheet HTML 97Page - Texas Instruments PCM5142 Datasheet HTML 98Page - Texas Instruments PCM5142 Datasheet HTML 99Page - Texas Instruments PCM5142 Datasheet HTML 100Page - Texas Instruments PCM5142 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
011: 32-48 kHz
100: 88.2-96 kHz
101: 176.4-192 kHz
110: 384 kHz
DTSR[3:0]
Detected SCK Ratio (Read Only)
These bits indicate the currently detected SCK ratio. Note that even if the SCK ratio is not indicated as error,
clock error might still be flagged due to incompatible combination with the sampling rate. Specifically the SCK
ratio must be high enough to allow enough DSP cycles for minimal audio processing when PLL is disabled. The
absolute SCK frequency must also be lower than 50 MHz.
0000: Ratio error (The SCK ratio is not allowed)
0001: SCK = 32 FS
0010: SCK = 48 FS
0011: SCK = 64 FS
0100: SCK = 128 FS
0101: SCK = 192 FS
0110: SCK = 256 FS
0111: SCK = 384 FS
1000: SCK = 512 FS
1001: SCK = 768 FS
1010: SCK = 1024 FS
1011: SCK = 1152 FS
1100: SCK = 1536 FS
1101: SCK = 2048 FS
1110: SCK = 3072 FS
Table 106. Page 0 / Register 92
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
92
5C
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DTBR8
Reset Value
Table 107. Page 0 / Register 93
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
93
5D
DTBR7
DTBR6
DTBR5
DTBR4
DTBR3
DTBR2
DTBR1
DTBR0
Reset Value
RSV
Reserved
Reserved. Do not access.
DTBR[8:0]
Detected BCK Ratio (MSB) (Read Only)
These bits indicate the currently detected BCK ratio, that is, the number of BCK clocks in one audio frame.
Note that for extreme case of BCK = 1 FS (which is not usable anyway), the detected ratio will be unreliable.
Table 108. Page 0 / Register 94
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
94
5E
RSV
CDST
PLL-L
LrckBck
fS-SCKr
SCKval
BCKval
fSval
Reset Value
RSV
Reserved
Reserved. Do not access.
CDST
Clock Detector Status (Read Only)
This bit indicates whether the SCK clock is present or not.
0: SCK is present
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
97
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com