Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 62 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 62 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 58Page - Texas Instruments PCM5142 Datasheet HTML 59Page - Texas Instruments PCM5142 Datasheet HTML 60Page - Texas Instruments PCM5142 Datasheet HTML 61Page - Texas Instruments PCM5142 Datasheet HTML 62Page - Texas Instruments PCM5142 Datasheet HTML 63Page - Texas Instruments PCM5142 Datasheet HTML 64Page - Texas Instruments PCM5142 Datasheet HTML 65Page - Texas Instruments PCM5142 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 123 page
background image
3.3V
XSMT
I2S Clocks
SCK, BCK, LRCK
3 ms
VDD
0V
High
Low
High
Low
Time
3.3V
XSMT
I
2
S Clocks
SCK, BCK, LRCK
150t + 0.2ms
S
VDD
0V
High
Low
High
Low
Time
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
Recommended Powerdown Sequence (continued)
10.2.3 Planned Shutdown
These auto-muting processes can be manipulated by system designs to mute before power loss in the following
ways:
1. Assert XSMT low 150 tS + 0.2 ms before power is removed.
Figure 80. Assert XSMT
2. Stop I2S clocks (SCK, BCK, LRCK) 3 ms before powerdown as shown in Figure 81.
Figure 81. Stop I2C Clocks
10.2.4 Unplanned Shutdown
Many systems use a low-noise regulator to provide an AVDD 3.3-V supply for the DAC. The XSMT Pin can take
advantage of such a feature to measure the pre-regulated output from the system SMPS to mute the output
before the entire SMPS discharges. Figure 82 shows how to configure such a system to use the XSMT pin. The
XSMT pin can also be used in parallel with a GPIO pin from the system microcontroller/DSP or power supply.
62
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com