Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 67 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 63Page - Texas Instruments PCM5142 Datasheet HTML 64Page - Texas Instruments PCM5142 Datasheet HTML 65Page - Texas Instruments PCM5142 Datasheet HTML 66Page - Texas Instruments PCM5142 Datasheet HTML 67Page - Texas Instruments PCM5142 Datasheet HTML 68Page - Texas Instruments PCM5142 Datasheet HTML 69Page - Texas Instruments PCM5142 Datasheet HTML 70Page - Texas Instruments PCM5142 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 123 page
background image
1
Top Layer Ground Pour
Top Layer Signal Traces
Via to bottom Ground Plane
Pad to top layer ground pour
L-Ch Out
Rch Out
Make sure to have
ground pour separating
the Left and Right
channel traces to help
prevent crosstalk
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CPVDD
CAPP
CPGND
CAPM
VNEG
OUTL
OUTR
AVDD
AGND
VCOM
SDA / MOSI
SCL / MC
GPIO5
GPIO4
DVDD
DGND
LDOO
XSMT
ADR1 /MISO
LRCK
DIN
BCK
SCK
GPIO6
MODE2 /MS
MODE1
ADR2
GPIO3
3.3V
0.1uF
0.1uF
Clock signals
from DSP or
Audio Processor
3.3V
Control Signals
from
Microcontroller
Control Signals
from
Microcontroller
Control Signals
from
Microcontroller
Capacitor values unless noted should be 2.2uF COG Ceramics
10uF
10uF
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
11 Layout
11.1 Layout Guidelines
•
The PCM514x family of devices are simple to layout. Most engineers use a shared common ground for an
entire device. GND can consider AGND and DGND connected.
•
Good system partitioning should keep digital clock and interface traces away from the analog outputs for
highest analog performance. This reduces any high-speed clock return currents influencing the analog
outputs.
•
Power supply and charge pump decoupling capacitors should be placed as close as possible to the device.
•
The top layer should be used for routing signals, whilst the bottom layer can be used for GND.
11.2 Layout Example
It is recommended to place a top layer ground pour for shielding around the DAC and connect to lower main PCB
ground plane by multiple vias
Figure 87. PCM514x Layout Example
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com