Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 84 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 84 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 80Page - Texas Instruments PCM5142 Datasheet HTML 81Page - Texas Instruments PCM5142 Datasheet HTML 82Page - Texas Instruments PCM5142 Datasheet HTML 83Page - Texas Instruments PCM5142 Datasheet HTML 84Page - Texas Instruments PCM5142 Datasheet HTML 85Page - Texas Instruments PCM5142 Datasheet HTML 86Page - Texas Instruments PCM5142 Datasheet HTML 87Page - Texas Instruments PCM5142 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
1: 16x interpolation
FSSP[1:0]
FS Speed Mode
These bits select the FS operation mode, which must be set according to the current audio sampling rate.
These bits are ignored in clock auto set mode.
Default value: 00
00: Single speed (FS
≤ 48 kHz)
01: Double speed (48 kHz < FS
≤ 96 kHz)
10: Quad speed (96 kHz < FS
≤ 192 kHz)
11: Octal speed (192 kHz < FS
≤ 384 kHz)
Table 81. Page 0 / Register 35
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
35
23
IDAC15
IDAC14
IDAC13
IDAC12
IDAC11
IDAC10
IDAC9
IDAC8
Reset Value
0
0
0
0
0
0
0
1
Table 82. Page 0 / Register 36
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
36
24
IDAC7
IDAC6
IDAC5
IDAC4
IDAC3
IDAC2
IDAC1
IDAC0
Reset Value
0
0
0
0
0
0
0
0
IDAC[15:0]
IDAC (MSB)
These bits specify the number of DSP clock cycles available in one audio frame. The value should match the
DSP clock FS ratio. These bits are ignored in clock auto set mode.
Default value: 0000000100000000
Table 83. Page 0 / Register 37
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
37
25
RSV
IDFS
IDBK
IDSK
IDCH
IDCM
DCAS
IPLK
Reset Value
0
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
IDFS
Ignore FS Detection
This bit controls whether to ignore the FS detection. When ignored, FS error will not cause a clock error.
Default value: 0
0: Regard FS detection
1: Ignore FS detection
IDBK
Ignore BCK Detection
This bit controls whether to ignore the BCK detection against LRCK. The BCK must be stable between 32FS
and 256FS inclusive or an error will be reported. When ignored, a BCK error will not cause a clock error.
Default value: 0
0: Regard BCK detection
1: Ignore BCK detection
IDSK
Ignore SCK Detection
This bit controls whether to ignore the SCK detection against LRCK. Only some certain SCK ratios within some
error margin are allowed. When ignored, an SCK error will not cause a clock error.
Default value: 0
0: Regard SCK detection
1: Ignore SCK detection
IDCH
Ignore Clock Halt Detection
84
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com