Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 41Page - Texas Instruments PCM5142 Datasheet HTML 42Page - Texas Instruments PCM5142 Datasheet HTML 43Page - Texas Instruments PCM5142 Datasheet HTML 44Page - Texas Instruments PCM5142 Datasheet HTML 45Page - Texas Instruments PCM5142 Datasheet HTML 46Page - Texas Instruments PCM5142 Datasheet HTML 47Page - Texas Instruments PCM5142 Datasheet HTML 48Page - Texas Instruments PCM5142 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
Table 30. Ramp-Up or Down Frequency
RAMP-UP
RAMP-DOWN
EVERY N fS
COMMENTS
EVERY N fS
COMMENTS
SPEED
FREQUENCY
00
1
Default
00
1
Default
01
2
01
2
10
4
10
4
11
Direct change
11
Direct change
Table 31. Ramp-Up or Down Step
RAMP-UP
RAMP-DOWN
STEP dB
COMMENTS
STEP dB
COMMENTS
STEP
STEP
00
4.0
00
-4.0
01
2.0
01
-2.0
10
1.0
Default
10
-1.0
Default
11
0.5
11
-0.5
8.3.5.4.1
Emergency Ramp-Down
Digital volume emergency ramp-down by is provided for situations such as I2S clock error and power supply
failure. Ramp-down speed is controlled by Page 0, Register 64, D(7:6). Ramp-down step can be controlled by
Page 0 Register 64, D(5:4). Default is ramp-down by every fS cycle with –4-dB step.
8.3.5.5 Analog Gain Control
Analog gain control can be selected between 2-Vrms FS (0dB) or 1-Vrms FS (–6 dB). Gain is controlled through
hardware by the AGNS pin, and through software (SPI/I2C), Page 1, Register 2, D4(L-ch) / D0(R-ch).
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com