Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments PCM5142 Datasheet HTML 10Page - Texas Instruments PCM5142 Datasheet HTML 11Page - Texas Instruments PCM5142 Datasheet HTML 12Page - Texas Instruments PCM5142 Datasheet HTML 13Page - Texas Instruments PCM5142 Datasheet HTML 14Page - Texas Instruments PCM5142 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
tSCKH
System Clock
(SCK)
tSCKL
"L"
"H"
0.3*DVDD
0.7*DVDD
tSCY
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
7.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DATA FORMAT (PCM MODE)
I2S, left-justified, right-justified, and
Audio data interface format
TDM
Audio data bit length
16, 20, 24, 32-bit acceptable
Audio data format
MSB first, twos-complement
fS
Sampling frequency(1)
8
384
kHz
CLOCKS
64, 128, 192, 256, 384, 512, 768,
System clock frequency
1024, 1152, 1536, 2048, or 3072
fSCK, up to 50 Mhz
Clock divider uses fractional divide
6.7
20
MHz
D > 0, P=1
PLL input frequency (2)
Clock divider uses integer divide
1
20
MHz
D = 0, P=1
(1)
One sample time is defined as the reciprocal of the sampling frequency. 1 × tS = 1 / fS
(2)
With the appropriate P coefficient setting, the PLL accepts up to 50 MHz. This clock is then divided to meet the
≤ 20-MHz requirement.
See PLL Calculation.
Figure 1. Timing Requirements for SCK Input
Figure 2. PCM514x Serial Audio Timing - Slave
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com