Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 94 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 94 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 90Page - Texas Instruments PCM5142 Datasheet HTML 91Page - Texas Instruments PCM5142 Datasheet HTML 92Page - Texas Instruments PCM5142 Datasheet HTML 93Page - Texas Instruments PCM5142 Datasheet HTML 94Page - Texas Instruments PCM5142 Datasheet HTML 95Page - Texas Instruments PCM5142 Datasheet HTML 96Page - Texas Instruments PCM5142 Datasheet HTML 97Page - Texas Instruments PCM5142 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
RSV
Reserved
Reserved. Do not access.
G6SL[4:0]
GPIO6 Output Selection
These bits select the signal to output to GPIO6. To actually output the selected signal, the GPIO6 must be set
to output mode at Page 0 / Register 8.
Default value: 00000
00000: off (low)
00001: DSP GPIO6 output
00010: Register GPIO6 output (Page 0 / Register 86, bit 5)
00011: Auto mute flag (asserted when both L and R channels are auto muted)
00100: Auto mute flag for left channel
00101: Auto mute flag for right channel
00110: Clock invalid flag (clock error or clock changing or clock missing)
00111: Serial audio interface data output (SDOUT)
01000: Analog mute flag for left channel (low active)
01001: Analog mute flag for right channel (low active)
01010: PLL lock flag
01011: Charge pump clock
01100: Reserved
01101: Reserved
01110: Under voltage flag, asserted when XSMUTE voltage is higher than 0.7 DVDD
01111: Under voltage flag, asserted when XSMUTE voltage is higher than 0.3 DVDD
010000: PLL Output/4 (Requires Clock Flex Register)
OTHERS: RESERVED
Table 102. Page 0 / Register 86
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
86
56
RSV
RSV
GOUT5
GOUT4
GOUT3
GOUT2
GOUT1
GOUT0
Reset Value
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
GOUT5
GPIO6 Output Control
This bit controls the GPIO6 output when the selection at Page 0 / Register 85 is set to 0010 (register output)
Default value: 0
0: Output low
1: Output high
GOUT4
GPIO5 Output Control
This bit controls the GPIO5 output when the selection at Page 0 / Register 84 is set to 0010 (register output)
Default value: 0
0: Output low
1: Output high
GOUT3
GPIO4 Output Control
This bit controls the GPIO4 output when the selection at Page 0 / Register 83 is set to 0010 (register output)
Default value: 0
0: Output low
1: Output high
GOUT2
GPIO3 Output Control
This bit controls the GPIO3 output when the selection at Page 0 / Register 82 is set to 0010 (register output)
Default value: 0
94
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com