Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 59 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 55Page - Texas Instruments PCM5142 Datasheet HTML 56Page - Texas Instruments PCM5142 Datasheet HTML 57Page - Texas Instruments PCM5142 Datasheet HTML 58Page - Texas Instruments PCM5142 Datasheet HTML 59Page - Texas Instruments PCM5142 Datasheet HTML 60Page - Texas Instruments PCM5142 Datasheet HTML 61Page - Texas Instruments PCM5142 Datasheet HTML 62Page - Texas Instruments PCM5142 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 123 page
background image
PCM514x
DNP
+
+
+
+
10 F 16V
m
+
3.3V
3.3VA
3.3VA
AGND
AGND
AGND
AGND
Right Channel Line Output
Left Channel Line Output
3.3V
0.1 F
100V
m
10 F
16V
m
0.1 F
100V
m
DNP
10 F
16V
m
DNP
10 F
16V
m
0.1 F
100V
m
0.1 F
100V
m
2.2mF
25V
2.2mF
25V
DNP
10 F
16V
m
470W
470W
2.2nF 50V
2.2nF 50V
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The PCM514x family is flexible, and this flexibility gives rise to a number of design questions that define the
design requirements for a given application.
9.2 Typical Application
Figure 77. Simplified Schematic, Hardware-Controlled Subsystem
9.2.1 Design Requirements
•
Single-ended 2.1-VRMS analog outputs
•
3-wire I2S interface (BCK PLL)
•
Single 3.3-V supply
9.2.2 Detailed Design Procedure
•
Clock and PLL setup (See Reset and System Clock Functions.) Ensure incoming BCK meets minimum
requirements.
•
XSMT pin setup for 12-V monitoring (See External Power Sense Undervoltage Protection Mode.)
•
Single-supply 3.3-V operation (See Setting Digital Power Supplies and I/O Voltage Rails.)
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com