Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 44 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 40Page - Texas Instruments PCM5142 Datasheet HTML 41Page - Texas Instruments PCM5142 Datasheet HTML 42Page - Texas Instruments PCM5142 Datasheet HTML 43Page - Texas Instruments PCM5142 Datasheet HTML 44Page - Texas Instruments PCM5142 Datasheet HTML 45Page - Texas Instruments PCM5142 Datasheet HTML 46Page - Texas Instruments PCM5142 Datasheet HTML 47Page - Texas Instruments PCM5142 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 123 page
background image
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
8.3.5.3.2
Mode Switching Sequence, from VREF Mode to VCOM Mode
Following register setting sequence is recommended for changing VREF mode to VCOM mode.
1. Page 0 / Register 2
RQST = 1: Standby mode
2. Page 1 / Register 8
RCMF = 1: Fast ramp up
→ on
3. Page 1 / Register 9
 
VCPD = 0: VCOM is power on
4.
Wait 3 ms with external capacitor = 1 µF
5. Page 1 / Register 8
RCMF = 0: Fast ramp up
→ off
6. Page 1 / Register 1
OSEL = 1: VCOM mode
7. Page 0 / Register 2
RQST = 0: Normal mode
8.3.5.4 Digital Volume Control
A basic digital volume control with range from 24 dB to –103 dB and mute is available on each channels by Page
0, Resister 61, D(7:0) for L-ch and Register 62, D(7:0) for R-ch. These volume controls all have 0.5-dB step
programmability over most gain and attenuation ranges. Table 29 lists the detailed gain versus programmed
setting for this basic volume control. Volume can be changed for both L-ch and R-ch at the same time or
independently by Page 0, Register 60, D(1:0). When D(1:0) set 00 (default), independent control is selected.
When D(1:0) set 01, R-ch accords with L-ch volume. When D(1:0) set 10, L-ch accords with R-ch volume. To set
D(1:0) to 11 is prohibited.
NOTE
This volume control is done externally to the miniDSP and only influences the analog DAC
output. Any changes to the SDOUT data should be done in the miniDSP process flow.
Table 29. Digital Volume Control Settings
GAIN
GAIN
BINARY DATA
COMMENTS
SETTING
(dB)
0
0000-0000
24.0
Positive maximum
1
0000-0001
23.5
:
:
—
46
0010-1110
1.0
47
0010-1111
0.5
48
0011-0000
0.0
No attenuation (default)
49
0011-0001
–0.5
50
0011-0010
–1.0
51
0011-0011
–1.5
:
:
—
253
1111-1101
–102.5
254
1111-1110
–103
Negative maximum
255
1111-1111
–
∞
Negative infinite (Mute)
Ramp-up frequency and ramp-down frequency can be controlled by Page 0, Register 63, D(7:6) and D(3:2) as
shown in Table 30. Also Ramp-up step and ramp-down step can be controlled by Page 0, Register 63 D(5:4) and
D(1:0) as shown in Table 31.
44
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com