Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 24Page - Texas Instruments PCM5142 Datasheet HTML 25Page - Texas Instruments PCM5142 Datasheet HTML 26Page - Texas Instruments PCM5142 Datasheet HTML 27Page - Texas Instruments PCM5142 Datasheet HTML 28Page - Texas Instruments PCM5142 Datasheet HTML 29Page - Texas Instruments PCM5142 Datasheet HTML 30Page - Texas Instruments PCM5142 Datasheet HTML 31Page - Texas Instruments PCM5142 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 123 page
background image
−0.0001
−0.00008
−0.00006
−0.00004
−0.00002
0
0.00002
0.00004
0.00006
0.00008
0.0001
0.0
0.25
0.5
Frequency (x fS)
G030
−120
−100
−80
−60
−40
−20
0
0
0.5
1
Frequency (x fS)
G005
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
Samples
G016
PCM5141, PCM5142
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
www.ti.com
Table 14. Low Latency ×2 Interpolation Filter, Quad Rate
PARAMETER
CONDITION
VALUE (TYP)
VALUE (MAX)
UNIT
Filter Gain Pass Band
0 ……. 0.45 × fS
±0.001
dB
Filter Gain Stop Band
0.55 × fS ….. 1.455 × fS
–52
dB
Filter Group Delay
3.5 × ts
S
SPACE
Figure 36. Low Latency x2 Interpolation Filter
Figure 37. Low Latency x2 Interpolation Filter
Frequency Response
Impulse Response
Figure 38. Low Latency x2 Interpolation Filter Passband Ripple
28
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com