Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM5142
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142 Datasheet(HTML) 5 Page - Texas Instruments

  PCM5142 Datasheet HTML 1Page - Texas Instruments PCM5142 Datasheet HTML 2Page - Texas Instruments PCM5142 Datasheet HTML 3Page - Texas Instruments PCM5142 Datasheet HTML 4Page - Texas Instruments PCM5142 Datasheet HTML 5Page - Texas Instruments PCM5142 Datasheet HTML 6Page - Texas Instruments PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
MODE, NO.
I/O
DESCRIPTION
NAME
I2C
SPI
HW
SDA
11
–
–
I/O
I2C
Data for I2C(1)(2)
MOSI
–
11
–
SPI
Input data for SPI(2)
I
ATT2
–
–
11
HW
Digital gain and attenuation control pin
SCL
12
–
–
I2C
Input clock for I2C(2)
MC
–
12
–
I
SPI
Input clock for SPI(2)
ATT1
–
–
12
HW
Digital gain and attenuation control pin
GPIO5
13
13
–
I2C, SPI General purpose digital input and output port (3)
I/O
ATT0
–
–
13
HW
Digital gain and attenuation control pin
GPIO4
14
14
–
I2C, SPI General purpose digital input and output port (3)
I/O
I2S Master clock select pin : Master (High) BCK/LRCK outputs, Slave (Low)
MAST
–
–
14
HW
BCK/LRCK inputs
GPIO3
15
15
–
I2C, SPI General purpose digital input and output port (3)
I/O
Analog gain selector : 0-dB 2-VRMS output (Low), –6-dB 1-VRMS output
AGNS
–
–
15
HW
(High)
ADR2
16
–
–
I2C
2nd LSB address select bit for I2C
I/O
GPIO2
–
16
–
SPI
General purpose digital input and output port
DOUT
–
–
16
O
HW
General Purpose Output (Low level)
Mode control selection pin (2)
MODE1 = Low, MODE2 = Low : Hardwired mode
MODE1
17
17
17
I
MODE1 = Low, MODE2 = High: I2C mode
MODE1 = High: SPI mode
I2C,
MODE2
18
–
18
MODE2
HW
MS
–
18
–
I
SPI
MS pin (chip select for SPI)
GPIO6
19
19
–
I/O
I2C, SPI General purpose digital input and output port
FLT
–
–
19
I
HW
Filter select : Normal latency (Low) / Low latency (High)
SCK
20
20
20
I
System clock input(2)
BCK
21
21
21
I/O
Audio data bit clock input (slave) or output (master)(2)
DIN
22
22
22
I
Audio data input(2)
LRCK
23
23
23
I/O
Audio data word clock input (slave) or output (master)(2)
ADR1
24
–
–
I2C
LSB address select bit for I2C
Primary output data for SPI readback. Secondary; general purpose digital
MISO (GPIO1)
–
24
–
I/O
SPI
input/output port controlled by register
FMT
–
–
24
HW
Audio format selection : I2S (Low) / Left justified (High)
XSMT
25
25
25
I
Soft mute control Soft mute(2) (Low) / soft un-mute (High)
LDOO
26
26
26
-
Internal logic supply rail terminal for decoupling, 1.8 V
DGND
27
27
27
-
Digital ground
DVDD
28
28
28
-
Digital power supply, 3.3 V or 1.8 V
(1)
Open-drain configuration in out mode.
(2)
Failsafe LVCMOS Schmitt trigger input.
(3)
Internal Pulldown
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com