Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 16 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
6.8 Typical Characteristics: 3-V Single Supply (continued)
at Vs+ = 3 V, Vs– = GND, Vocm is open, 50-Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω, and TA ≈
25°C (unless otherwise noted)
Frequency (kHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
D031
HD2
HD3
2-VPP output, see Figure 7-1 with Vs+ = 3 V, Vocm = 1.5 V
Figure 6-31. Harmonic Distortion Over Frequency
Differential Output Voltage (Vpp)
0.1
1
10
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
D032
HD2
HD3
f = 10 MHz, see Figure 7-1 with Vs+ = 3 V, Vocm = 1.5 V
Figure 6-32. Harmonic Distortion vs Output Swing
Center of Two Input Test Frequencies (MHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
D033
Avg IMD3
Avg IMD2
1 VPP each tone, see Figure 7-1 with Vs+ = 3 V, Vocm = 1.5 V
Figure 6-33. IMD2 and IM3 Over Frequency
Differential Load Resistance (:)
10
100
1000
-100
-95
-90
-85
-80
-75
-70
D034
HD2
HD3
f = 10 MHz, see Figure 7-1 with Vs+ = 3 V, Vocm = 1.5 V
Figure 6-34. Harmonic Distortion vs Rload
Vocm Control Voltage (V)
0.5
1
1.5
2
2.5
-100
-95
-90
-85
-80
D035
HD2
HD3
f = 10 MHz, 2-VPP output,
see Figure 7-3 with Vocm adjusted
Figure 6-35. Harmonic Distortion vs Vocm
Gain (V/V)
1
10
-105
-100
-95
-90
-85
-80
-75
-70
D036
HD2
HD3
f = 10 MHz, 2-VPP output,
see Figure 7-1 and Table 8-1 for gain setting
Figure 6-36. Harmonic Distortion vs Gain
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com