Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 18 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
6.9 Typical Characteristics: 3-V to 5-V Supply Range (continued)
at Vs+ = 3 V and 5 V, Vs– = GND, Vocm is open, 50-Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω,
and TA ≈ 25°C (unless otherwise noted)
Frequency (MHz)
1
10
100
1000
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
D043
+5 V, 100 mVpp
+5 V, 1 Vpp
+3 V, 100 mVpp
+3 V, 1 Vpp
Figure 6-43. Common-Mode, Small- and Large-Signal Response
(Vocm pin driven)
Time (ns)
25
35
45
55
65
75
85
95
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3 V Small Signal
3 V Large Signal
5 V Small Signal
5 V Large Signal
D044
Figure 6-44. Common-Mode, Small- and Large-Step Response
(Vocm pin driven)
Frequency (Hz)
1
10
100
1000
100
1k
10k
100k
1M
10M
D045
+5 V Vocm driven
+5 V Vocm floating
+3 V Vocm driven
+3 V Vocm floating
Vocm input either driven to mid-supply by low impedance
source, or allowed to float and default to mid-supply
Figure 6-45. Output Common-Mode Noise
Vocm Input Voltage (V)
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-10
-8
-6
-4
-2
0
2
4
6
8
10
D046
+5 V supply
+3 V supply
Average Vocm output offset of 37 units, Standard deviation
< 2.5 mV, see Figure 7-3
Figure 6-46. Vocm Offset vs Vocm Setting
Vocm (V)
0.85
1.35
1.85
2.35
2.85
3.35
3.85
70
75
80
85
90
95
100
D047
+3 V supply
+5 V supply
Single-ended to differential gain of 2 (see Figure 7-1), PSRR
for negative supply to differential output (1-kHz simulation)
Figure 6-47. –PSRR vs Vocm Approaching Vs–
Vocm (V)
0.85
1.35
1.85
2.35
2.85
3.35
3.85
70
75
80
85
90
95
100
D048
+3 V supply
+5 V supply
Single-ended to differential gain of 2 (see Figure 7-1), PSRR
for positive supply to differential output (1-kHz simulation)
Figure 6-48. +PSRR vs Vocm Approaching Vs+
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com