Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 17 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
6.9 Typical Characteristics: 3-V to 5-V Supply Range
at Vs+ = 3 V and 5 V, Vs– = GND, Vocm is open, 50-Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω,
and TA ≈ 25°C (unless otherwise noted)
Frequency (Hz)
-20
-250
10
-200
40
-150
70
-100
100
-50
130
0
100
1k
10k
100k
1M
10M
100M
1G
D037
Aol Gain
Aol Phase
Figure 6-37. Main Amplifier Differential Open-Loop Gain and
Phase vs Frequency
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
10
1k
10k
100k
1M
10M
100M
D038
Gain=2, +3 V
Gain=2, +5 V
Gain=5, +3 V
Gain=5, +5 V
Single-ended input to differential output, simulated differential output
impedance, (closed-loop) gain of 2 and 5, see Figure 7-1
Figure 6-38. Closed-Loop Output Impedance
Frequency (Hz)
1
10
50
1k
10k
100k
1M
10M
D039
+5 V En
+5 V In
+3 V En
+3 V In
Figure 6-39. Input Spot Noise Over Frequency
Frequency (Hz)
-80
-75
-70
-65
-60
-55
-50
1k
10k
100k
1M
10M
100M
D040
+3 V supply
+5 V supply
Single-ended input to differential output, gain of 2
(see Figure 7-1), simulated with 1% resistor, worst-case mismatch
Figure 6-40. Output Balance Error Over Frequency
Frequency (Hz)
50
60
70
80
90
100
110
1k
10k
100k
1M
10M
100M
D041
Common-mode in to differential out, gain of 2 simulation
Figure 6-41. CMRR Over Frequency
Frequency (Hz)
40
45
50
55
60
65
70
75
80
85
90
10k
100k
1M
10M
100M
D042
+3 V +Vs
+5 V +Vs
+3 V -Vs
+5 V -Vs
Single-ended to differential, gain of 2 (see Figure 7-1)
PSRR simulated to differential output
Figure 6-42. PSRR Over Frequency
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com