Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 28 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Anything that generates an output common-mode level or shift over temperature also generates an output
differential error term if the two feedback ratios, G1 and G2, are not equal. An error trying to produce a shift in
the output common-mode is overridden by the common-mode control loop, where any feedback ratio mismatch
creates a balanced, differential error around the Vocm output.
The terms that create a differential error from a common-mode term and feedback ratio mismatch include the
desired Vocm voltage, any source common-mode voltage, any drift on the reference bias to the Vocm control
pin, and any internal offset and drift in the Vocm control path.
Considering just the output common-mode control and the source common-mode voltage (Vicm), the conversion
to output differential offsets is done by using Equation 4:
Vocm G1
G2
Vicm G1
G2
Vod
G1
G2
1
2
(4)
Neglecting any G1 and G2 mismatch because of standard values approximation, the conversion gain for these
two terms can be recast in terms of the nominal Rf / Rg ≡ G, and tolerance T, as shown in Equation 5. As G
increases, this conversion gain approaches 4T, as a worst-case gain for these terms to output differential offset.
‡
(
)
(
)
2
Vod
G
4
Vocm
1
G
1
T
T
(5)
This conversion gain to differential output error is applied to two error terms: Vocm, assuming the input control
pin is driven and not floating, and the source Vicm voltage. The source common-mode voltage is assumed
to be 0 V in this example. If not, apply this gain to the source common-mode value or range in the intended
application.
As a full example of using these terms to estimate the worst-case output 25°C error band, and then the
worst-case drift (by adding all the error terms together independently), use the gain of 2 V/V configuration of
Figure 7-3 with Rf = 402 Ω, and assume ±1% tolerance on the resistors with the standard values used in Figure
7-9.
Rf1
402
+
±
Vcc
Rg1
191
Rg2
221
THS4541 Wideband,
Fully-Differential Amplifier
+
±
Rf2
402
50-
Input-Matched,
Gain of 2 V/V from Rt,
Single-Ended to Differential,
DC-Coupled, Single Supply
Vocm
R1
500
Vcc
+
±
+
±
VM1
Vs
Rs
50
Rt
60.2
FDA
PD
+
±
+
±
Vcc
Vocm
Vcc
5 V
Vocm
2.5 V
Figure 7-9. DC-Coupled Gain of 2 with Rf = 402 Ω and a Single-Ended to Differential Matched Input 50-Ω
Impedance
The standard value approximation on the signal-input side actually produces added G mismatch along with the
resistor tolerances. For Figure 7-9, G2 = 402 / 221 = 1.819; and G1 = 402 / 218.3 = 1.837 nominally, with a ±2%
tolerance around this initial mismatch for G2 and G1, if 1% resistors are used.
Using the maximum 25°C error terms, and a nominal 2.5-V input to the Vocm control pin, gives Table 7-3 with
the error terms, the gains to the output differential error (Vod), and then the summed output error band at 25°C.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com