Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 30 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
7.5 Noise Analysis
Figure 7-10 shows that the first step in the output noise analysis is to reduce the application circuit to the
simplest form with equal feedback and gain-setting elements to ground, with the FDA and resistor noise terms to
be considered.
+
±
In+
2
In±
2
eno
2
Rf
Rg
Rf
Rg
enRg
2
enRf
2
enRg
2
enRf
2
eni
2
Figure 7-10. FDA Noise-Analysis Circuit
The noise powers are shown for each term. When the Rf and Rg terms are matched on each side, the total
differential output noise is the RSS of these separate terms. Equation 6 shows the total output noise using NG ≡
1 + Rf / Rg. Each resistor noise term is a 4kTR power.
2
2
no
ni
n
e
e NG
2 i Rf
2 4k RfNG
T
(6)
The first term is simply the differential input spot noise times the noise gain. The second term is the input current
noise terms times the feedback resistor (and because there are two terms, the power is two times one of the
terms). The last term is the output noise resulting from both the Rf and Rg resistors, again times two, for the
output noise power of each side added together. Using the exact values for a 50-Ω, matched, single-ended to
differential gain, sweep with a fixed Rf = 402 Ω (see Table 8-1) and the intrinsic noise eni = 2.2 nV and In = 1.9
pA for the THS4541, gives an output spot noise from Equation 6. Then, dividing by the signal gain (Av) gives the
input-referred, spot-noise voltage (ei) shown in Table 7-5.
Table 7-5. Swept Gain Output and Input-Referred, Spot-Noise Calculations(1)
Av
Rt, EXACT (Ω)
Rg1, EXACT (Ω)
Rg2, EXACT (Ω)
NOISE GAIN
eno (nV/√ Hz)
ei (nV/√ Hz)
1
55.2
399
425
1.94
6.64
6.64
2
60.1
191
218
2.85
8.71
4.36
3
65.6
124
153
3.63
10.7
3.56
4
72
89.7
119
4.37
12.1
3.03
5
79.7
67.8
98.3
5.09
13.7
2.74
6
89.1
54.2
86.5
5.65
15.4
2.56
7
101
43.2
76.6
6.25
16.7
2.39
8
117
35.2
70.1
6.74
17.3
2.16
9
138
29.0
65.8
7.11
18.6
2.06
10
170
23.6
62.5
7.44
18.9
1.89
11
220
18.7
59.3
7.78
19.6
1.78
12
313
14.6
57.7
7.97
20.0
1.66
13
545
10.8
56.6
8.11
20.3
1.56
14
2209
7.26
56.1
8.16
21.1
1.50
(1)
Rf = 402 Ω.
Notice that the input-referred ei is less than 2.2 nV/√Hz for just the THS4541 above a gain of 7 V/V. This result is
because NG is less than Av when the source impedance is included in the NG calculation.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com