Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
6.7 Typical Characteristics 5-V Single Supply
at Vs+ = 5 V, Vs– = GND, Vocm is open, 50-Ω single-ended input to differential output, gain = 2 V/V, Rload = 500 Ω, and TA ≈
25°C (unless otherwise noted)
Frequency (MHz)
1
10
100
1000
-9
-6
-3
0
3
6
9
D001
G=0.1
G=1
G=2
G=5
G=10
. Rf = 402 Ω, see Figure 7-1 and Table 8-1 for resistor values
Figure 6-1. Small-Signal Frequency Response vs Gain
Frequency (MHz)
10
100
1000
-12
-9
-6
-3
0
3
6
9
D002
Vo=100 mVpp
Vo=500 mVpp
Vo=1 Vpp
Vo=2 Vpp
Vo=5 Vpp
. See Figure 7-1
Figure 6-2. Frequency Response vs Vopp
Frequency (MHz)
10
100
1000
3
4
5
6
7
8
9
D003
Vocm=1.0 V
Vocm=1.5 V
Vocm=2.0 V
Vocm=2.5 V
Vocm=3.0 V
Vocm=3.5 V
Vout = 100 mVPP , see Figure 7-1 with Vocm adjusted
Figure 6-3. Small-Signal Frequency Response vs Vocm
Frequency (MHz)
10
100
1000
3
4
5
6
7
8
9
D004
RL=50 :
RL=100 :
RL=200 :
RL=500 :
RL=1000 :
Vout = 100 mVPP , see Figure 7-1 with RL adjusted
Figure 6-4. Small-Signal Frequency Response vs Rload (RL)
Frequency (MHz)
10
100
1000
3
4
5
6
7
8
9
D005
Cload=10 pF, Ro = 24.9 :
Cload=22 pF, Ro = 16 :
Cload=51 pF, Ro = 9.1 :
Cload=100 pF, Ro = 5.4 :
100 mVPP at load, Av = 2 (see Figure 7-11), two series Ro
added at output before Cload
Figure 6-5. Small-Signal Frequency Response vs Cload
Cload (pF)
1
10
100
0
5
10
15
20
25
30
35
40
D006
Av=2
Av=4
Av=10
Ro is two series output resistors to a differential Cload in
parallel with 500 Ω, see Figure 7-11 and Table 8-1
Figure 6-6. Recommended Ro vs Cload
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com