Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
6.5 Electrical Characteristics: (Vs+) – Vs– = 5 V (continued)
at TA ≈ 25°C, Vocm = open (defaults midsupply), Vout = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 7-1 for an ac-coupled gain of a
2-V/V test circuit, and Figure 7-3 for a dc-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
POWER SUPPLY
Specified operating voltage
2.7
5
5.4
V
B
Quiescent operating current
TA = 25°C, Vs+ = 5 V
9.7
10.1
10.5
mA
A
TA = –40°C to +125°C
9.4
10.1
11
B
±PSRR
Power-supply rejection ratio
Either supply pin to differential Vout
85
100
dB
A
POWER DOWN
Enable voltage threshold
(Vs–) +
1.7
V
A
Disable voltage threshold
(Vs–) +
0.7
V
A
Disable pin bias current
PD = Vs– → Vs+
20
50
nA
B
Power-down quiescent current
PD = (Vs–) + 0.7 V
6
30
µA
A
PD = Vs–
2
8
A
Turn-on time delay
Time from PD = low to Vout = 90% of final value
100
ns
C
Turn-off time delay
Time from PD = low to Vout = 10% of final value
60
ns
C
OUTPUT COMMON-MODE VOLTAGE CONTROL(4)
Small-signal bandwidth
Vocm = 100 mVPP
150
MHz
C
Slew rate(2)
Vocm = 2-V step
400
V/µs
C
Gain
0.975
0.982
0.995
V/V
A
Input bias current
Considered positive out of node
–0.7
0.1
0.7
µA
A
Input impedance
Vocm input driven to ((Vs+) – Vs–) / 2
47 || 1.2
kΩ || pF
C
Default voltage offset from
((Vs+) – Vs–) / 2
Vocm pin open
–40
±8
40
mV
A
CM Vos
Common-mode offset voltage
Vocm input driven to
((Vs+) – Vs–) / 2
TA = 25°C
–5
±2
5
mV
A
TA = 0°C to 70°C
–6
±2
5.8
B
TA = –40°C to +85°C
–6.2
±2
6.2
B
TA = –40°C to +125°C
–7
±2
7.08
B
Common-mode offset voltage
drift(3)
Vocm input driven to ((Vs+) – Vs–) / 2
–20
±4
+20
µV/°C
B
Common-mode loop supply
headroom to negative supply
< ±12-mV shift from
midsupply CM Vos
TA = 25°C
0.88
V
A
TA = 0°C to 70°C
0.91
B
TA = –40°C to +85°C
0.94
B
TA = –40°C to +125°C
0.94
B
Common-mode loop supply
headroom to positive supply
< ±12-mV shift from
midsupply CM Vos
TA = 25°C
1.1
V
A
TA = 0°C to 70°C
1.15
B
TA = –40°C to +85°C
1.2
B
TA = –40°C to +125°C
1.2
B
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at TA ≈ 25°C; over temperature limits by
characterization and simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only
for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (VP / √ 2) · 2π · f–3dB.
(3)
Input offset voltage drift, input bias current drift, input offset current drift, and Vocm drift are average values calculated by taking
data at the at the maximum-range ambient-temperature end points, computing the difference, and dividing by the temperature range.
Maximum drift set by distribution of a large sampling of devices. Drift is not specified by test or QA sample test.
(4)
Specifications are from the input Vocm pin to the differential output average voltage.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com