Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 1 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz
Fully Differential Amplifier
1 Features
• Fully differential amplifier (FDA) architecture
• Bandwidth: 500MHz (G = 2V/V)
• Gain bandwidth product: 850MHz
• Slew rate: 1500V/µs
• HD2: –95dBc at 10MHz (2VPP, RL = 500Ω)
• HD3: –90dBc at 10MHz (2VPP, RL = 500Ω)
• Input voltage noise: 2.2nV/√Hz (f > 100kHz)
• Low offset drift: ±0.5µV/°C (typical)
• Negative rail input (NRI)
• Rail-to-rail output (RRO)
• Robust operation for Rload ≥ 50Ω
• Output common-mode control
• Power supply:
– Single-supply voltage range: 2.7V to 5.4V
– Split-supply voltage range: ±1.35V to ±2.7V
– Quiescent current: 10.1mA (5V supply)
• Power-down capability: 2µA (typical)
2 Applications
• Low-power, high-performance ADC driver:
– SAR, ΔΣ, and pipeline
• Low power, high performance (dc or ac coupled):
– Single-ended to differential amplifier
– Differential to differential amplifier
• Differential active filters
• Differential transimpedance for DAC outputs
• DC- or ac-coupled interface to the ADC3xxx
Family of low-power, high-performance ADCs
• Pin-compatible to ADA4932-1 (VQFN-16)
3 Description
The THS4541 is a low-power, voltage-feedback, fully
differential amplifier (FDA) with an input common-
mode range below the negative rail, and rail-to-rail
output. The THS4541 is designed for low-power data
acquisition systems where high density is critical in a
high-performance analog-to-digital converter (ADC) or
digital-to-analog converter (DAC) interface design.
The THS4541 features the negative-rail input required
when interfacing a dc-coupled, ground-centered,
source signal. This negative-rail input, with rail-to-
rail output, allows for easy interface between single-
ended, ground-referenced, bipolar signal sources and
a wide variety of successive approximation register
(SAR), delta-sigma (ΔΣ), or pipeline ADCs using only
a single 2.7V to 5.4V power supply.
The THS4541 is characterized for operation over
the wide temperature range of –40°C to +125°C
and is available in 16-pin VQFN and 10-pin WQFN
packages.
Package Information
PART NUMBER(1)
PACKAGE(2)
PACKAGE SIZE(3)
THS4541
RGT (VQFN, 16)
3mm × 3mm
RUN (WQFN, 10)
2mm × 2mm
(1)
See Section 4
(2)
For more information, see Section 12.
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable.
C2
100 nF
Rf1
402
Rload
500
Rg1
191
C1
100 nF
Rg2
221
Rt
60.2
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
50-
Input Match,
Gain of 2 V/V from Rt,
Single-Ended Source to
Differential Output
Vocm
Rf2
402
50-
Source
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Simplified Schematic
Frequency (MHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
D013
HD2
HD3
Single to Differential Gain of 2, 2VPP Output
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THS4521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI1-THS4521 Datasheet
1Mb / 54P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4521 TI1-THS4521 Datasheet
1Mb / 56P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1_V01 Datasheet
2Mb / 64P
THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com