Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 31 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
7.6 Factors Influencing Harmonic Distortion
As shown in the swept frequency harmonic distortion plots, the THS4541 provides extremely low distortion at
lower frequencies. In general, FDA output harmonic distortion mainly relates to the open-loop linearity in the
output stage corrected by the loop gain at the fundamental frequency. Figure 6-16 and Figure 6-34 shows that
as the total load impedance decreases (including the effect of the feedback resistor elements in parallel for
loading purposes), the output-stage, open-loop linearity degrades, increasing the harmonic distortion. Figure
6-14 and Figure 6-32 shows that as the output voltage swings increase, very fine-scale, open-loop, output-stage
nonlinearities increase, also degrading the harmonic distortion. Conversely, decreasing the target output voltage
swings drops the distortion terms rapidly. For harmonic-distortion testing, 2 VPP is used as a nominal swing
because this value represents a typical ADC, full-scale, differential input range.
Figure 6-18 and Figure 6-36 shows how increasing the gain acts to decrease the loop gain, resulting in the
increasing harmonic distortion terms. One advantage to the capacitive compensation for the attenuator design
(described in the typical application example of Section 9.2.1) is that the noise gain is shaped up with frequency
to achieve a crossover at an acceptable phase margin at higher frequencies. This compensation holds the loop
gain high at frequencies lower than the noise-gain zero, improving distortion in these lower bands.
Anything that moves the output pin voltage swings close to clipping into the supplies rapidly degrades harmonic
distortion. Output clipping can occur from either absolute differential swing, or the swing can be moved closer to
the supplies with the common-mode control. Figure 6-17 and Figure 6-35 shows this effect.
The THS4541 does an exceptional job of converting from single-ended inputs to differential outputs with very
low harmonic distortions. External resistors of 1% tolerance are used in characterization with good results.
Imbalancing the feedback divider ratios does not degrade distortion directly. Imbalanced feedback ratios convert
common-mode inputs to differential mode at the outputs with the gain described in Section 7.4.
7.7 Driving Capacitive Loads
Figure 6-8 and Figure 6-26 shows a very common requirement is driving the capacitive load of an ADC or some
other next stage device. Directly driving a capacitive load with a closed-loop amplifier such as the THS4541 can
lead to an unstable response, as shown in the step response plots into a capacitive load. Figure 7-11 shows how
one typical remedy for this instability is to add two small series resistors (Ro) at the outputs of the THS4541.
Figure 6-6 and Figure 6-24 provide parametric plots of recommended Ro values versus differential capacitive
load values and gain.
Rf1
402
Rload
500
Rg1
191
Rg2
191
Rt
60.2
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
50-
Input Match,
Gain of 2 V/V from Rt,
Single-Ended Source to
Differential Output
Vocm
Rf2
402
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Ro1
17
Ro2
17
Cload
22 pF
50-
Source
Figure 7-11. Including Ro When Driving Capacitive Loads
Operating at higher gains requires lower Ro values to achieve a ±0.5-dB flat response for the same capacitive
load. Figure 6-6 and Figure 6-24 (where the Ro value is 0 Ω) shows how some direct parasitic loading is
acceptable with no series Ro that increases with gain setting. Even when these plots suggest no series Ro
is required, good practice is to include a place for the Ro elements in the board layout (0-Ω load initially) for
later adjustment, in case the response appears unacceptable. The TINA simulation model does a good job of
predicting this effect and showing the impact for different choices of capacitive load isolating resistors (Ro).
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com