Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 40 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 40 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments THS4521 Datasheet HTML 42Page - Texas Instruments THS4521 Datasheet HTML 43Page - Texas Instruments THS4521 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
8.4.1.4 Input Impedance for the Single-Ended to Differential FDA Configuration
The designs so far have included a source impedance, Rs, that must be matched by Rt and Rg1. The total
impedance at the junction of Rt and Rg1 for the circuit of Figure 7-3 is the parallel combination of Rt to ground,
and the ZA (active impedance) presented by Rg1. The expression for ZA, assuming Rg2 is set to obtain the
differential divider balance, is given by Equation 11:
Rg1
Rf
1
1
Rg2
Rg1
ZA
Rg1
Rf
2
Rg2
§
·§
·
¨
¸¨
¸
©
¹©
¹
(11)
For designs that do not need impedance matching, but instead come from the low impedance output of another
amplifier for instance, Rg1 = Rg2 is the single-to-differential design used without an Rt to ground. Setting Rg1
= Rg2 = Rg in Equation 11 gives the input impedance of a simple input FDA driving from a low-impedance,
single-ended source to a differential output as shown in Equation 12:
Rf
1
Rg
ZA
2Rg
Rf
2
Rg
(12)
In this case, setting a target gain as Rf / Rg ≡ α, and then setting the desired input impedance, allows the Rg
element to be resolved first, and then the required Rf to get the gain. For example, targeting an input impedance
of 200 Ω with a gain of 4 V/V, Equation 13 gives the physical Rg element. Multiplying this required Rg value by a
gain of 4 gives the Rf value and the design of Figure 8-1.
2
Rg
ZA
2 1
D
D
(13)
Rf1
480
R1
500
Rg1
120
Rg2
120
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
Rf2
480
200-
Input Impedance,
Gain of 4 V/V Design
+
±
Vs
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Figure 8-1. 200-Ω Input Impedance, Single-Ended to Differential DC-Coupled Design with Gain of 4 V/V
After being designed, this circuit can also be ac coupled by adding blocking caps in series with the two 120-Ω Rg
resistors. This active input impedance has the advantage of increasing the apparent load to the prior stage using
lower resistors values, leading to lower output noise for a given gain target.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com