Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 48 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 48 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 44Page - Texas Instruments THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments THS4521 Datasheet HTML 51Page - Texas Instruments THS4521 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
9.2.2 Interfacing to High-Performance ADCs
R9
499
R16
6.2
R17
6.2
R8
499
C6
180 pF
C5
33 pF
L2
250 nH
L3
250 nH
R12
35.7
R13
35.7
C1
0.2 F
R15
442
ADC
Input
ADC
Input
R7
205
R6
205
Vcc
D1
R4
59
50-
Source
R5
59
R1
49.9
C7
1 F
JP1
2-to-1 for
dc-coupled Vin
2-to-3 for
ac-coupled Vin
2
3
1
+
±
+
±
Vocm
Vcc
FDA
PD
Vcc
C3
10 nF
Vcc
R11
100
0.95 V
ADC Vcm
Output
BAV99
Figure 9-4. DC-Coupled, Bipolar Input Gain of 2 V/V Single-Ended to Differential Interface to ADC
9.2.2.1 Design Requirements
In this example design, an impedance matched input assuming a 50-Ω source is implemented with a dc-coupled
gain of 2 V/V to the ADC. This configuration effectively reduces the required full-scale input to ±0.5 V for a 2-VPP
full-scale input ADC. Add a low insertion-loss interstage filter to the ADC to control the broadband noise where
the goal is to show minimal SNR reduction in the FFT, as well as minimal degradation in SFDR performance.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com