Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 27 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Rf1
402
Rg1
191
Rg2
221
THS4541
Rf2
402
Rth
27.3
+
±
Vs
C1
100 nF
C2
100 nF
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
+
±
Vcc
Vs1
5 V
+
±
Vocm
Vcm
2.5 V
Figure 7-8. Input Swing Analysis Circuit from Figure 7-1 With Thevenized Source
For this ac-coupled input analysis, the nominal dc input Vicm is simply the output Vocm (2.5 V in this example
design). Then, considering the lower side of the feedback networks, any desired maximum output differential
VPP generates a known ac VPP at the junction of Rg2 and Rf2. For instance, if the design intends a maximum
4-VPP differential output, each FDA output pin is ±1 V around the Vocm (= 2.5 V), and then back to the Vicm,
which produces a ±1 V × 221 / (221 + 402) = ±0.355 V around the dc setting of Vocm. This simple approach to
assessing the input Vicm range for a single-ended to differential design can be applied to any design using an
FDA by reducing the input side circuits to a divider to either the signal source and ground or voltage reference on
the nonsignal input side.
7.4 Output DC Error and Drift Calculations and the Effect of Resistor Imbalances
The THS4541 offers a trimmed input offset voltage and extremely low offset drift over the full –40°C to +125°C
operating range. This offset voltage combines with several other error contribution terms to produce an initial
25°C differential offset error band, and then a drift over temperature. For each error term, a gain must be
assigned to that term. For this analysis, only DC-coupled signal paths are considered. One new source of output
error (versus typical op amp analysis) arises from the effect that mismatched resistor values and ratios can have
on the two sides of the FDA. Any common-mode voltage or drift creates a differential output error through the
slight mismatches arising from the external feedback and gain-setting resistor tolerances, and the approximation
to standard value.
The error terms (25°C and drift), along with the gain to the output differential voltage, include:
• Input offset voltage—this voltage has a gain equal to the noise gain or 1 + Rf / Rg, where Rg is the total DC
impedance from the input pins back to the source, or a DC reference (typically ground).
• Input offset current—this current has a gain to the differential output through the average feedback resistor
value.
The remaining terms arise from an assumed range on both the absolute feedback resistor mismatch and the
mismatch in the divider ratio on each side of the FDA. The first of these resistor mismatch terms is the input
bias current creating a differential output offset because of Rf mismatch. For simplicity, the upper Rf and Rg
values are called Rf1 and Rg1 with a ratio of Rf1 / Rg1 ≡ G1. The lower elements are defined as Rf2 and
Rg2 with a ratio of Rf2 / Rg2 ≡ G2. To compute worst-case contributions, a maximum variation in the design
resistor tolerance is used in the absolute and ratio mismatches. For instance, ±1% tolerance resistors are
assumed, giving a worst-case G1 that is 2% higher than nominal and a G2 that is 2% lower than nominal,
with a worst-case Rf value mismatch of 2% as well. For matched impedance designs with Rt and Rg1 on
a single-ended to differential stage, the standard value approximation imposes a fixed mismatch in the initial
feedback ratios with the resistor tolerance adding a mismatch to this initial ratio mismatch. Define the selected
external resistor tolerance as ±T (so for 1% tolerance resistors, T = 0.01).
• Total gain for bias current error is ±2 × T × Rfnom
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com