Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 43 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 43 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 39Page - Texas Instruments THS4521 Datasheet HTML 40Page - Texas Instruments THS4521 Datasheet HTML 41Page - Texas Instruments THS4521 Datasheet HTML 42Page - Texas Instruments THS4521 Datasheet HTML 43Page - Texas Instruments THS4521 Datasheet HTML 44Page - Texas Instruments THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Using the typical input referred noise terms for the THS4541 (eni = 2.2 nV and in = 1.9 pA) and sweeping the
total gain from the input of the balun to the differential output over a 10-dB to 24-dB span, gives the input noise
figure shown in Figure 8-4.
Total Gain (dB)
10
12
14
16
18
20
22
24
7
8
9
10
11
12
13
14
D061
ADT2-1T
CX2047LNL
Figure 8-4. Noise Figure versus Total Gain with the Two Input Baluns of Table 8-2
The 50-Ω referred noise figure estimates show a decreasing input-referred noise for either balun as the gain
increases through 24 dB. To achieve the total target gain after the step up from the input balun, the only
elements changing in these sweeps are the feedback-resistor values. The example of Figure 8-3 is a gain of
7.86 V/V, or a 17.9-dB gain where a 9.0-dB input noise figure is predicted from Figure 8-4. Another advantage
for this method is that the effective noise gain (NG) is reduced by the source impedance appearing as part of the
total Rg element in the design. The example of Figure 8-3 operates with a NG = 1 + 402 / (100 + 100) = 3 V/V,
giving greater than 300-MHz SSBW in the THS4541 portion of the design. Combining that capability with the 372
MHz in the balun gives greater than 200 MHz in this 18-dB gain stage; or an equivalent greater than 1.6-GHz
gain bandwidth product in a low-power, high dynamic range interface.
Added features and considerations for the balun input of Figure 8-3 include:
• Many of these baluns offer a secondary centertap. Leave the centertap unconnected for the best HD2
suppression and DC biasing (do not include a capacitor from this centertap to ground).
• With a floating secondary centertap, the input pins common-mode voltage again equals the output Vocm
setting because there is no DC path for the output common-mode voltage to create a common-mode current
(ICM).
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com