Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 32 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
7.8 Thermal Analysis
The relatively low internal quiescent power dissipation for the THS4541, combined with the excellent thermal
impedance of the 16-pin VQFN (RGT) package, limits the possibility of excessively-high, internal-junction
temperatures. The 10-pin WQFN (RUN) package has a much higher junction-to-ambient thermal impedance
(θJA = 146°C/W); therefore, a more detailed analysis can be warranted.
To estimate the internal junction temperature (TJ), an estimate of the maximum internal power dissipation (PD)
is first required. There are two pieces to the internal power dissipation: quiescent current power and the power
used in the output stage to deliver load current. To simplify the latter, the worst-case, output-stage power is
driving a dc differential voltage across a load using half the total supply voltage. As an example:
1. Assume a worst-case, 5% high 5-V supply. This 5.25-V supply with a maximum ICC of 11 mA gives a
quiescent power term = 58 mW.
2. Assume a 100-Ω differential load with a static 2.5-V differential voltage established across the load. This 25
mA of dc load current generates a maximum output stage power of (5.25 V – 2.5 V) × 25 mA = 69 mW.
3. From this total worst-case internal PD = 127 mW, multiply times the 146°C/W thermal impedance for the
very-small, 10-pin WQFN package to get a 19°C rise from ambient.
Even for this extreme condition and the maximum rated ambient temperature of 125°C, the junction temperature
is a maximum 144°C (less than the rated absolute maximum of 150°C). Follow this same calculation sequence
for the exact application and package selected to predict the maximum TJ.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com