Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 25 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
To assess closed-loop bandwidth and peaking, the noise-gain phase must be subtracted from the THS4541 Aol
phase to obtain the total phase around the loop, as shown in Figure 7-7.
Frequency (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
10M
100M
1G
D063
Aol Phase
Gain = 0.1
Gain = 1
Gain = 2
Figure 7-7. Loop-Gain Phase for the Three Lower Gains of Figure 6-1
From Figure 7-6 and Figure 7-7, using Table 7-2, tabulate the loop-gain crossover frequency and phase margin
at these crossovers to explain the response shapes of Figure 6-1.
Table 7-2. Estimated Crossover Frequency and Phase Margin for Gains of 0.1, 1, and 2 in Figure 6-1
GAIN
DC NG (V/V)
0-dB LG (MHz)
PHASE MARGIN (°)
0.1
1.1
457
18
1
1.94
380
41
2
2.85
302
59
From these crossover (or 0-dB loop gain) frequencies, a good approximation for the resulting f–3dB is to multiply
the crossover frequencies by 1.6 when the phase margin is less than 65°. Ideally, a 65° phase margin at
loop-gain crossover provides a flat Butterworth closed-loop response. The 59° phase margin for the gain of 2
setting explains the nearly flat response for this condition with 1.6 × 302 MHz = 483 MHz, estimated with f–3dB
closely matching the measured 500-MHz SSBW.
The very low phase margin in the attenuator setting at 0.1 V/V explains the highly peaked response in Figure
6-1. This peaking can be easily compensated, as shown in Section 9.2.1, using feedback capacitors and a
differential capacitor across the inputs.
Considering the noise gain zero as part of the loop-gain analysis shows the importance of using relatively-low,
feedback-resistor values and minimizing layout parasitic capacitance on the input pins of the THS4541 to reduce
the effects of this feedback pole. The TINA model does a good job of predicting these issues (the model includes
the 0.85 pF differential internal capacitance); add any estimated external parasitic capacitance on the summing
junctions in simulation to predict the response shape more accurately.
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com