Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
6.6 Electrical Characteristics: (Vs+) – Vs– = 3 V (continued)
at TA ≈ 25°C, Vocm = open (defaults midsupply), Vout = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 7-1 for an ac-coupled gain of a
2-V/V test circuit, and Figure 7-3 for a dc-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
POWER SUPPLY
Specified operating voltage
2.7
3
5.4
V
B
Quiescent operating current
TA = 25°C, Vs+ = 3 V
9.3
9.7
10.1
mA
A
TA = –40°C to +125°C
9
9.7
10.6
B
±PSRR Power-supply rejection ratio
Either supply pin to differential Vout
85
100
dB
A
POWER DOWN
Enable voltage threshold
(Vs–) + 1.7
V
A
Disable voltage threshold
(Vs–) + 0.7
V
A
Disable pin bias current
PD = Vs– → Vs+
20
50
nA
B
Power-down quiescent current
PD = (Vs–) + 0.7 V
2
30
µA
A
PD = Vs–
1.0
8.0
A
Turn-on time delay
Time from PD = low to Vout = 90% of final value
100
ns
C
Turn-off time delay
Time from PD = low to Vout = 10% of final value
60
ns
C
OUTPUT COMMON-MODE VOLTAGE CONTROL(4)
Small-signal bandwidth
Vocm = 100 mVPP
140
MHz
C
Slew rate(2)
Vocm = 1-V step
350
V/µs
C
Gain
0.975
0.987
0.990
V/V
A
Input bias current
Considered positive out of node
–0.7
0.1
0.7
µA
A
Input impedance
Vocm input driven to ((Vs+) – Vs–) / 2
47 || 1.2
kΩ || pF
C
Default voltage offset from
((Vs+) – Vs–) / 2
Vocm pin open
–40
±10
40
mV
A
CM Vos Common-mode offset voltage
Vocm input driven to
((Vs+) – Vs–) / 2
TA = 25°C
–5
±2
5
mV
A
TA = 0°C to 70°C
–5.8
±2
5.8
B
TA = –40°C to +85°C
–6.2
±2
6.2
B
TA = –40°C to +125°C
–7
±2
7
B
Common-mode offset voltage drift(3)
Vocm input driven to ((Vs+) – Vs–) / 2
–20
±4
20
µV/°C
B
Common-mode loop supply
headroom to negative supply
< ±12-mV shift from
midsupply CM Vos
TA = 25°C
0.88
V
A
TA = 0°C to 70°C
0.91
B
TA = –40°C to +85°C
0.94
B
TA = –40°C to +125°C
0.94
B
Common-mode loop supply
headroom to positive supply
< ±12-mV shift from
midsupply CM Vos
TA = 25°C
1.1
V
A
TA = 0°C to 70°C
1.15
B
TA = –40°C to +85°C
1.2
B
TA = –40°C to +125°C
1.2
B
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at TA ≈ 25°C; over temperature limits by
characterization and simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only
for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (VP / √ 2) · 2π · f–3dB.
(3)
Input offset voltage drift, input bias current drift, input offset current drift, and Vocm drift are average values calculated by taking
data at the at the maximum-range ambient-temperature end points, computing the difference, and dividing by the temperature range.
Maximum drift set by distribution of a large sampling of devices. Drift is not specified by test or QA sample test.
(4)
Specifications are from input Vocm pin to differential output average voltage.
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com