Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4521
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 5 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
6.5 Electrical Characteristics: (Vs+) – Vs– = 5 V
at TA ≈ 25°C, Vocm = open (defaults midsupply), Vout = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 7-1 for an ac-coupled gain of a
2-V/V test circuit, and Figure 7-3 for a dc-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth
Vout = 100 mVPP, G = 1
620
MHz
C
Vout = 100 mVPP, G = 2 (see Figure 7-1)
500
C
Vout = 100 mVPP, G = 5
210
C
Vout = 100 mVPP, G = 10
125
C
Gain-bandwidth product
Vout = 100 mVPP, G = 20
850
MHz
C
Large-signal bandwidth
Vout = 2 VPP, G = 2 (see Figure 7-1)
340
MHz
C
Bandwidth for 0.1-dB flatness
Vout = 2 VPP, G = 2 (see Figure 7-1)
100
MHz
C
Slew rate(2)
Vout = 2-VPP, FPBW (see Figure 7-1)
1500
V/µs
C
Rise/fall time
Vout = 2-V step, G = 2 input ≤ 0.3 ns tr
(see Figure 7-3)
1.4
ns
C
Settling time
To 1%, Vout = 2-V step, tr = 2 ns, G = 2 (seeFigure
7-3)
4
ns
C
To 0.1%,Vout = 2-V step, tr = 2 ns, G = 2 (see Figure
7-3)
8
C
Overshoot and undershoot
Vout = 2-V step G = 2, input ≤ 0.3 ns tr
(see Figure 7-3)
10%
C
100-kHz harmonic distortion
Vout = 2 VPP, G = 2, HD2 (see Figure 7-1)
–140
dBc
C
Vout = 2 VPP, G = 2, HD3 (see Figure 7-1)
–140
C
10-MHz harmonic distortion
Vout = 2 VPP, G = 2, HD2 (see Figure 7-1)
–95
dBc
C
Vout = 2 VPP, G = 2, HD3 (see Figure 7-1)
–90
C
2nd-order intermodulation
distortion
f = 10 MHz, 100-kHz tone spacing,
Vout envelope = 2 VPP (1 VPP per tone)
(see Figure 7-1)
–90
dBc
C
3rd-order intermodulation
distortion
f = 10 MHz, 100-kHz tone spacing,
Vout envelope = 2 VPP (1 VPP per tone)
(see Figure 7-1)
–85
dBc
C
Input voltage noise
f > 100 kHz
2.2
nV/√ Hz
C
Input current noise
f > 1 MHz
1.9
pA/√ Hz
C
Overdrive recovery time
2x output overdrive, either polarity
20
ns
C
Closed-loop output impedance f = 10 MHz (differential)
0.1
Ω
C
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com